Electronic Components Datasheet Search
  English  ▼

X  

DFPMU-DP Datasheet(PDF) 3 Page - Digital Core Design

Part # DFPMU-DP
Description  Floating Point Coprocessor Double Precision
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCD [Digital Core Design]
Direct Link  http://www.digitalcoredesign.com
Logo DCD - Digital Core Design

DFPMU-DP Datasheet(HTML) 3 Page - Digital Core Design

  DFPMU-DP Datasheet HTML 1Page - Digital Core Design DFPMU-DP Datasheet HTML 2Page - Digital Core Design DFPMU-DP Datasheet HTML 3Page - Digital Core Design DFPMU-DP Datasheet HTML 4Page - Digital Core Design DFPMU-DP Datasheet HTML 5Page - Digital Core Design DFPMU-DP Datasheet HTML 6Page - Digital Core Design  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
All trademarks mentioned in this document
are trademarks of their respective owners.
Copyright 1999-2007 DCD – Digital Core Design. All Rights Reserved.
http://www.DigitalCoreDesign.com
http://www.dcd.pl
LICENSING
Comprehensible and clearly defined licensing
methods without royalty fees make using of
IP Core easy and simply.
Single Design
license allows using IP Core in
single FPGA bitstream and ASIC implemen-
tation. It also permits FPGA prototyping be-
fore ASIC production.
Unlimited Designs
license allows using IP
Core in unlimited number of FPGA bitstreams
and ASIC implementations.
In all cases number of IP Core instantiations
within a design, and number of manufactured
chips are unlimited. There is no time of use
limitations.
●
○
Single Design license for
VHDL, Verilog source code called HDL
Source
○ Encrypted, or plain text EDIF called Netlist
●
○
○
●
○
○
Unlimited Designs license for
HDL Source
Netlist
Upgrade from
Netlist to HDL Source
Single Design to Unlimited Designs
SYMBOL
PINS DESCRIPTI O N
PIN
TYPE
DESCRIPTION
clk
Input
Global system clock
rst
Input
Global system reset
cs
Input
Chip select for read/write
datai[31:0]
1
Input
Data bus input
addr[4:2]
2
Input
Register address to read/write
we
Input
Data write enable
datao[31:0]
1
Output Data bus output
irq
Output Interrupt request indicator
1 – data bus can be configured as 8-, 16- or 32- bit
depends on processor’s bus size
2 – address bus is aligned to work with 8- (3:0), 16-
(3:1) or 32- (4:2) bit processors
BLOCK DIAGRAM
Mantissa –
performs operations on mantissa
part of number. The addition, subtraction,
multiplication, division, square root, compari-
son and conversion operations are executed
in this module. It contains mantissas and
work registers.
CORDIC –
performs trigonometric operations
on input data. The sine, cosine, tangent and
arctangent operations are executed in this
module. It contains three work registers.
Exponent –
performs operations on expo-
nent part of number. The addition, subtrac-
tion, shifting, comparison and conversion
operations are executed in this module. It
contains exponents and work registers.
Align –
performs the numbers analyze
against IEEE-754 standard compliance. In-
datai(31:0)1
datao(31:0)1
irq
we
rst
clk
addr(4:2)2
cs
Mantissa
Align
Shifter
Exponent
Control
Unit
clk
rst
datai(31:0)1
datao(31:0)1
irq
addr(4:2)2
we
cs
Interface
CORDIC



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com