Electronic Components Datasheet Search
  English  ▼

X  

FR10445 Datasheet(PDF) 1 Page - DB Lectro Inc

Part # FR10445
Description  AAA/1200mA h
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

FR10445 Datasheet(HTML) 1 Page - DB Lectro Inc

  FR10445 Datasheet HTML 1Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
AAA/1200mAh
FR10445
 Dimensions in mm(not to scale)
 Specifications
 Discharge profile in varied temperature
Item
Specification
Size
AAA
Rated capacity(20mA)
1200mAh
Open circuit voltage
1.8V
Terminal voltage
0.8V
Weight
7.2±0.5g
Max continuous discharge current
600mA
Operation temperature
-20~+60℃
Storage Life
10 years (Max.)
DB LECTRO Inc. 3755 Place Java, Suite 140, Brossard, Québec, J4Y 0E4, Canada - T: 1-450-444-1424 / F: 1-450-444-4714 / www.dblectro.com


Similar Part No. - FR10445

ManufacturerPart #DatasheetDescription
logo
Surge Components
FR104 SURGE-FR104 Datasheet
119Kb / 2P
1.0 AMP. Fast Recovery Rectifiers
logo
Wing Shing Computer Com...
FR104 WINGS-FR104 Datasheet
297Kb / 2P
FAST RECOVERY RECTIFIER(VOLTAGE RANGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
logo
Won-Top Electronics
FR104 WTE-FR104 Datasheet
46Kb / 3P
1.0A FAST RECOVERY RECTIFIER
logo
Zowie Technology Corpor...
FR104 ZOWIE-FR104 Datasheet
49Kb / 2P
FAST RECOVERY RECTIFIER
logo
Rectron Semiconductor
FR104 RECTRON-FR104 Datasheet
25Kb / 2P
FAST RECOVERY RECTIFIER(VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere)
More results

Similar Description - FR10445

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BCAAAPC ETC1-BCAAAPC Datasheet
65Kb / 1P
ONE AAA CELL HOLDER
logo
Energizer
1212 ENERGIZER-1212 Datasheet
60Kb / 1P
AAA SUPER HEAVY DUTY
logo
AIMTEC
AMLD-IZ AIMTEC-AMLD-IZ Datasheet
281Kb / 8P
Up to 1200mA | LED Driver
logo
Infineon Technologies A...
ILD4120 INFINEON-ILD4120 Datasheet
668Kb / 11P
1200mA step down - LED controller IC
Rev. 1.0, July 2009
logo
List of Unclassifed Man...
12BH441P-GR ETC2-12BH441P-GR Datasheet
236Kb / 1P
Battery Holder 4 AAA
logo
Taiwan Memory Technolog...
T8300AD TMT-T8300AD Datasheet
163Kb / 10P
PWM Control 1200mA Step-Down Converter
logo
Lowpower Semiconductor ...
LP28056 POWER-LP28056 Datasheet
477Kb / 9P
Programmable Charge Current Up to 1200mA
logo
NXP Semiconductors
BATT-14AAAPACK NXP-BATT-14AAAPACK Datasheet
850Kb / 16P
Configurable AAA Battery Pack
Rev. 1.0, 10/2015
logo
AIMTEC
AMER50N-Z AIMTEC-AMER50N-Z Datasheet
517Kb / 5P
up to 1200mA | AC-DC LED driver
logo
SparkFun Electronics
SPX-18621 SPARKFUN-SPX-18621 Datasheet
568Kb / 10P
Power Board AAA
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com