Electronic Components Datasheet Search
  English  ▼

X  

DSPIS Datasheet(PDF) 4 Page - Digital Core Design

Part # DSPIS
Description  Serial Peripheral Interface - Slave
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCD [Digital Core Design]
Direct Link  http://www.digitalcoredesign.com
Logo DCD - Digital Core Design

DSPIS Datasheet(HTML) 4 Page - Digital Core Design

  DSPIS Datasheet HTML 1Page - Digital Core Design DSPIS Datasheet HTML 2Page - Digital Core Design DSPIS Datasheet HTML 3Page - Digital Core Design DSPIS Datasheet HTML 4Page - Digital Core Design DSPIS Datasheet HTML 5Page - Digital Core Design  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
All trademarks mentioned in this document
are trademarks of their respective owners.
Copyright 1999-2007 DCD – Digital Core Design. All Rights Reserved.
http://www.DigitalCoreDesign.com
http://www.dcd.pl
PERFORMANCE
The following table gives a survey about
the Core performance in the ALTERA® de-
vices after Place & Route (all key features
have been included):
Device
Speed
grade
Logic Cells
Fmax
CYCLONE
-6
79
354 MHz
CYCLONE2
-6
87
329 MHz
STRATIX
-5
79
386 MHz
STRATIX2
-3
84
422 MHz
STRATIXGX
-5
79
382 MHz
MERCURY
-5
95
347 MHz
EXCALIBUR
-1
82
224 MHz
APEX2A
-7
82
320 MHz
APEX20KC
-7
82
241 MHz
APEX20KE
-1
82
202 MHz
APEX20K
-1
82
140 MHz
ACEX1K
-1
87
196 MHz
FLEX10KE
-1
87
204 MHz
MAX2
-3
79
257 MHz
MAX3K
-5
57
114 MHz
MAX7K
-5
57
114 MHz
Core performance in ALTERA® devices
Transfer Formats
Software can select any of four combinations of serial clock (SCK) phase and polarity using two
bits in the SPI control register (SPCR). The clock polarity is specified by the CPOL control bit,
which selects an active high or active low clock and has no significant effect on the transfer format.
The clock phase (CPHA) control bit selects one of two fundamentally different transfer formats.
The clock phase and polarity should be identical for the master SPI device and the communicating
slave device. In some cases, the phase and polarity are changed between transfers to allow a
master device to communicate with peripheral slaves having different requirements. The flexibility
of the SPI system on the DSPI allows direct interface to almost any existing synchronous serial
peripheral.
6
6
5
5
4
4
3
3
2
21
1LSB
MSB
MSB
LSB
1
2
3
45
67
8
SC K CYC LE#
SC K (C PO L =0)
SC K (C PO L=1)
MO SI
MISO
SS
6
6
5
5
4
4
3
3
2
21
1LSB
MSB
MSB
LSB
1
2
3
45
67
8
SCK CY CLE #
SC K (C PO L=0)
SC K (C PO L=1)
MO SI
MISO
SS



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com