Electronic Components Datasheet Search
  English  ▼

X  

AM6008SA Datasheet(PDF) 3 Page - AXElite technology co. ltd

Part # AM6008SA
Description  N-Ch 100V Fast Switching MOSFETs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AM6008SA Datasheet(HTML) 3 Page - AXElite technology co. ltd

  AM6008SA Datasheet HTML 1Page - AXElite technology co. ltd AM6008SA Datasheet HTML 2Page - AXElite technology co. ltd AM6008SA Datasheet HTML 3Page - AXElite technology co. ltd AM6008SA Datasheet HTML 4Page - AXElite technology co. ltd AM6008SA Datasheet HTML 5Page - AXElite technology co. ltd AM6008SA Datasheet HTML 6Page - AXElite technology co. ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3/6
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.0 Apr.29, 2019
AM6008S
Electrical Characteristics (TJ=25 ℃, unless otherwise noted)
Symbol
Parameter
Conditions
Min.
Typ. Max.
Unit
BVDSS
Drain-Source Breakdown Voltage
VGS=0V , ID=250uA
100
---
---
V
RDS(ON)
Static Drain-Source On-Resistance
2
VGS=10V , ID=13.5A
---
6.6
8
m
Static Drain-Source On-Resistance
2
VGS=4.5V , ID=11.5A
---
8.7
10.5
VGS(th)
Gate Threshold Voltage
VGS=VDS , ID =250uA
1.2
---
2.3
V
IDSS
Drain-Source Leakage Current
VDS=80V , VGS=0V , TJ=25℃
---
---
1
uA
VDS=80V , VGS=0V , TJ=55℃
---
---
5
IGSS
Gate-Source Leakage Current
VGS=±20V , VDS=0V
---
---
±100
nA
gfs
Forward Transconductance
VDS=5V , ID=13.5A
---
75
---
S
Qg
Total Gate Charge (10V)
VDS=50V , VGS=10V ,
ID=13.5A
---
45
---
nC
Qg
Total Gate Charge (4.5V)
---
19.3
---
Qgs
Gate-Source Charge
---
9.5
---
Qgd
Gate-Drain Charge
---
4.8
---
Td(on)
Turn-On Delay Time
VDD=50V , VGS=10V ,
RG=3
, ID=13.5A
---
10
---
ns
Tr
Rise Time
---
6.5
---
Td(off)
Turn-Off Delay Time
---
45
---
Tf
Fall Time
---
7.5
---
Ciss
Input Capacitance
VDS=50V , VGS=0V ,
f=1MHz
---
3320
---
pF
Coss
Output Capacitance
---
605
---
Crss
Reverse Transfer Capacitance
---
20
---
Diode Characteristics
Symbol
Parameter
Conditions
Min.
Typ. Max.
Unit
IS
Continuous Source Current
1,5
VG=VD=0V , Force Current
---
---
5
A
VSD
Diode Forward Voltage
2
VGS=0V , IS=1A , TJ=25℃
---
---
1.1
V
trr
Reverse Recovery Time
IF=13.5A , di/dt=100A/µs ,
TJ=25℃
---
33
---
nS
Qrr
Reverse Recovery Charge
---
150
---
nC
Note :
1.The data tested by surface mounted on a 1 inch
2 FR-4 board with 2OZ copper.
2.The data tested by pulsed , pulse width ≦ 300us , duty cycle ≦ 2%
3.The EAS data shows Max. rating . The test condition is VDD=25V,VGS=10V,L=0.3mH,IAS=15A
4.The power dissipation is limited by 150℃ junction temperature
5.The data is theoretically the same as ID and IDM , in real applications , should be limited by total power dissipation.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com