Electronic Components Datasheet Search
  English  ▼

X  

AM9569D Datasheet(PDF) 1 Page - AXElite technology co. ltd

Part # AM9569D
Description  P-CHANNEL ENHANCEMENT MODE POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AM9569D Datasheet(HTML) 1 Page - AXElite technology co. ltd

  AM9569D Datasheet HTML 1Page - AXElite technology co. ltd AM9569D Datasheet HTML 2Page - AXElite technology co. ltd AM9569D Datasheet HTML 3Page - AXElite technology co. ltd AM9569D Datasheet HTML 4Page - AXElite technology co. ltd AM9569D Datasheet HTML 5Page - AXElite technology co. ltd AM9569D Datasheet HTML 6Page - AXElite technology co. ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1/6
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.3 Sep.11, 2019
AM9569D
P-CHANNEL ENHANCEMENT MODE POWER
MOSFET
GENERAL DESCRIPTION
The TO-252 package is widely preferred
for all commercial-industrial surface mount
applications and suited for low voltage applications
such as DC/DC converters.
FEATURES
▼ Simple Drive Requirement
BVDSS
-40V
▼ Fast Switching Characteristic
RDS(ON)
90mΩ
▼ RoHS Compliant & Halogen-Free
ID
-14A
ORDER/MARKING INFORMATION
Order Information
Top Marking
Package Type
AM9569
Packing
Blank : Bag
X X
D: TO-252-3L
A : Taping
ID code:internal
AM 9
Y Y W W X
5 6 9
WW:01~26 (A~Z)
27~52 (a~z)
Year: 18=2018
19=2019
20=2020
21=2021
22=2022
:
45=2045
Part number


Similar Part No. - AM9569D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AM9511A ETC-AM9511A Datasheet
483Kb / 10P
ARITHMETIC PROCESSOR
AM9511A-1 ETC-AM9511A-1 Datasheet
483Kb / 10P
ARITHMETIC PROCESSOR
logo
Advanced Micro Devices
AM9512 AMD-AM9512 Datasheet
947Kb / 19P
Floating-Point Processor
AM9512-1DC AMD-AM9512-1DC Datasheet
947Kb / 19P
Floating-Point Processor
AM9512-1DM AMD-AM9512-1DM Datasheet
947Kb / 19P
Floating-Point Processor
More results

Similar Description - AM9569D

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G2U4407 GTM-G2U4407 Datasheet
298Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3J14 GTM-G3J14 Datasheet
377Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G1333 GTM-G1333 Datasheet
352Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2301 GTM-G2301 Datasheet
391Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2303 GTM-G2303 Datasheet
393Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3401 GTM-G3401 Datasheet
308Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI20P02 GTM-GI20P02 Datasheet
245Kb / 5P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI405 GTM-GI405 Datasheet
253Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GJ9585 GTM-GJ9585 Datasheet
236Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GM162 GTM-GM162 Datasheet
365Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com