Electronic Components Datasheet Search
  English  ▼

X  

LED1113AFA Datasheet(PDF) 1 Page - AXElite technology co. ltd

Part # LED1113AFA
Description  High Current LED Driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

LED1113AFA Datasheet(HTML) 1 Page - AXElite technology co. ltd

  LED1113AFA Datasheet HTML 1Page - AXElite technology co. ltd LED1113AFA Datasheet HTML 2Page - AXElite technology co. ltd LED1113AFA Datasheet HTML 3Page - AXElite technology co. ltd LED1113AFA Datasheet HTML 4Page - AXElite technology co. ltd LED1113AFA Datasheet HTML 5Page - AXElite technology co. ltd LED1113AFA Datasheet HTML 6Page - AXElite technology co. ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1/6
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.5 Nov.21, 2019
LED1113
High Current LED Driver
GENERAL DESCRIPTION
LED1113/A is a low dropout current regulator for high current LED Driver. The output
current was decided by external resistor. Build-in thermal shutdown and current limit
protection function.
FEATURES
- 500mA Maximum Output Current.
- 2% Output Current Setting Accuracy.
- External Resistor Allows Designer to set Current.
- Output current limiting
- Built-in thermal shutdown
- Packages: SOT89-3L
- High Power LED Driver
- RoHS and Halogen free compliance.
PIN ASSIGNMENT
The package of LED1113 is SOT89-3L; the pin assignment is given by:
GND
Iset
OUT
SOT-89
Tab is OUT
1
3
2
(Top view)
LED1113
Name
Description
GND Ground
Iset
Output current set input. Connect a
resistor from ISET to GND to set LED
current.
OUT Output pin. The LEDs are connected
from these pins to VCC.
GND
Iset
OUT
SOT-89
Tab is Iset
1
3
2
(Top view)
LED1113A


Similar Part No. - LED1113AFA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LED1-MOD1-3-10 ETC2-LED1-MOD1-3-10 Datasheet
909Kb / 2P
THE UNIQUE LED-BASED DTECTION AND RANGING TECHNOLOGY
logo
Timeguard
LED100FLBP TIMEGUARD-LED100FLBP Datasheet
337Kb / 3P
8.5W LED Compact Floodlight Single Flood – Black
13/02/2025
LED100FLWHP TIMEGUARD-LED100FLWHP Datasheet
335Kb / 3P
8.5W LED Compact Floodlight Single Flood – White
13/02/2025
LED100PIRBP TIMEGUARD-LED100PIRBP Datasheet
377Kb / 3P
8.5W LED Compact Floodlight Single Flood With PIR – Black
13/02/2025
LED100PIRWHP TIMEGUARD-LED100PIRWHP Datasheet
349Kb / 3P
8.5W LED Compact Floodlight Single Flood With PIR – White
13/02/2025
More results

Similar Description - LED1113AFA

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NUD4001 ONSEMI-NUD4001 Datasheet
119Kb / 8P
High Current LED Driver
June, 2006 ??Rev. 6
logo
Silicon Touch Technolog...
DD311 SITI-DD311 Datasheet
416Kb / 15P
HIGH CONSTANT CURRENT LED DRIVER
DD311 SITI-DD311_1 Datasheet
352Kb / 20P
HIGH CONSTANT CURRENT LED DRIVER
logo
List of Unclassifed Man...
CC1512 ETC1-CC1512 Datasheet
64Kb / 2P
High Power Constant Current LED Driver
logo
ams AG
AS3647 AMSCO-AS3647 Datasheet
5Mb / 38P
1600mA High Current LED Flash Driver
logo
ON Semiconductor
NSVD4001DR2G ONSEMI-NSVD4001DR2G Datasheet
147Kb / 8P
High Current LED Driver
November, 2011 ??Rev. 7
logo
Marl International Limi...
CC1512 MARL-CC1512_15 Datasheet
64Kb / 2P
High Power Constant Current LED Driver
LD1007 MARL-LD1007_15 Datasheet
116Kb / 1P
High Power Constant Current LED Driver
LD1026 MARL-LD1026_15 Datasheet
34Kb / 1P
High Power Constant Current LED Driver
logo
Global Mixed-mode Techn...
G5991 GMT-G5991 Datasheet
99Kb / 1P
High Current LED Driver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com