Electronic Components Datasheet Search
  English  ▼

X  

AX6901CRA Datasheet(PDF) 3 Page - AXElite technology co. ltd

Part # AX6901CRA
Description  3-Pin Microprocessor Reset Circuits
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX6901CRA Datasheet(HTML) 3 Page - AXElite technology co. ltd

  AX6901CRA Datasheet HTML 1Page - AXElite technology co. ltd AX6901CRA Datasheet HTML 2Page - AXElite technology co. ltd AX6901CRA Datasheet HTML 3Page - AXElite technology co. ltd AX6901CRA Datasheet HTML 4Page - AXElite technology co. ltd AX6901CRA Datasheet HTML 5Page - AXElite technology co. ltd AX6901CRA Datasheet HTML 6Page - AXElite technology co. ltd AX6901CRA Datasheet HTML 7Page - AXElite technology co. ltd AX6901CRA Datasheet HTML 8Page - AXElite technology co. ltd AX6901CRA Datasheet HTML 9Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3/10
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.2.1 Nov.14, 2019
AX6901/2/3/4
Appendix
Part Number Package
Identification
Code
Part Number Package
Identification
Code
AX6901A
SOT-23-3L
CA
AX6903A
SOT-23-3L
CO
AX6901B
SOT-23-3L
CB
AX6903B
SOT-23-3L
CP
AX6901C
SOT-23-3L
CC
AX6903C
SOT-23-3L
CQ
AX6901D
SOT-23-3L
CD
AX6903D
SOT-23-3L
CR
AX6901E
SOT-23-3L
CE
AX6903E
SOT-23-3L
CS
AX6901F
SOT-23-3L
CF
AX6903F
SOT-23-3L
CT
AX6901G
SOT-23-3L
CG
AX6903G
SOT-23-3L
CU
AX6901H
SOT-23-3L
Ca
AX6903H
SOT-23-3L
Cf
AX6901I
SOT-23-3L
Cb
AX6903I
SOT-23-3L
Cg
AX6901J
SOT-23-3L
Ci
AX6903J
SOT-23-3L
Cj
AX6902A
SOT-23-3L
CH
AX6904A
SOT-23-3L
C1
AX6902B
SOT-23-3L
CI
AX6904B
SOT-23-3L
C2
AX6902C
SOT-23-3L
CJ
AX6904C
SOT-23-3L
C3
AX6902D
SOT-23-3L
CK
AX6904D
SOT-23-3L
C4
AX6902E
SOT-23-3L
CL
AX6904E
SOT-23-3L
C5
AX6902F
SOT-23-3L
CM
AX6904F
SOT-23-3L
C6
AX6902G
SOT-23-3L
CN
AX6904G
SOT-23-3L
C7
AX6902H
SOT-23-3L
Cd
AX6904H
SOT-23-3L
Ch
AX6902I
SOT-23-3L
Ce
AX6904I
SOT-23-3L
Cm
AX6902J
SOT-23-3L
Ck
AX6904J
SOT-23-3L
Cn
ABSOLUTE MAXIMUM RATUNGS (at TA=25°C)
Characteristics
Symbol
Rating
Unit
VCC Pin Voltage
VCC
GND - 0.3 to GND + 6.5
V
RESET, RESET(push-pull) Pin Voltage
VRESET
GND - 0.3 to VCC + 0.3
V
Input Current, VCC
ICC
20
mA
Output Current, RESET, RESET
IO
5
mA
Power Dissipation
PD
( TJ-TA ) / θJA
mW
Storage Temperature Range
TST
-60 to +150
°C
Operating Temperature Range
TOP
-40 to +85
°C
Junction Temperature
TJ
-40 to +150
°C
Thermal Resistance from Junction to case
θJC
110
°C/W
Thermal Resistance from Junction to ambient
θJA
250
°C/W
Note: θJA is measured with the PCB copper area of approximately 1 in2(Multi-layer). That need connect to VSS
pin.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com