Electronic Components Datasheet Search
  English  ▼

X  

1SS306 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 1SS306
Description  High Voltage, High Speed Switching Applications
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

1SS306 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  1SS306 Datasheet HTML 1Page - Toshiba Semiconductor 1SS306 Datasheet HTML 2Page - Toshiba Semiconductor 1SS306 Datasheet HTML 3Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1SS306
2007-11-01
1
TOSHIBA Diode Silicon Epitaxial Planar Type
1SS306
High Voltage, High Speed Switching Applications
Low forward voltage
: VF (2) = 0.90V (typ.)
Fast reverse recovery time : trr = 30ns (max)
Small total capacitance
: CT = 1.5pF (typ.)
Small package
: SC-61
Absolute Maximum Ratings (Ta = 25°C)
Characteristic
Symbol
Rating
Unit
Maximum (peak) reverse voltage
VRM
250
V
Reverse voltage
VR
200
V
Maximum (peak) forward current
IFM
300 (*)
mA
Average forward current
IO
100 (*)
mA
Surge current (10ms)
IFSM
2 (*)
A
Power dissipation
P
150
mW
Junction temperature
Tj
125
°C
Storage temperature
Tstg
−55~125
°C
Note: Using continuously under heavy loads (e.g. the application of high
temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the
reliability significantly even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are
within the absolute maximum ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
*: Unit rating. Total rating = unit rating × 1.5
Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
VF (1)
―
IF = 10mA
―
0.72
1.0
Forward voltage
VF (2)
―
IF = 100mA
―
0.9
1.2
V
IR (1)
―
VR = 50V
―
―
0.1
Reverse current
IR (2)
―
VR = 200V
―
―
1.0
μA
Total capacitance
CT
―
VR = 0, f = 1MHz
―
1.5
3.0
pF
Reverse recovery time
trr
―
IF = 10mA
Fig.1
―
30
60
ns
JEDEC
―
EIAJ
SC-61
TOSHIBA
2-3J1A
Weight: 0.013g
Unit: mm


Similar Part No. - 1SS306

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
1SS306 TOSHIBA-1SS306 Datasheet
130Kb / 2P
DIODE (HIGH VOLTAGE, HIGH SPEED SWITCHING APLICATIONS)
07-May-1997
logo
Guangdong Kexin Industr...
1SS306 KEXIN-1SS306 Datasheet
37Kb / 1P
Silicon Epitaxial Planar Type
logo
Toshiba Semiconductor
1SS306 TOSHIBA-1SS306_15 Datasheet
490Kb / 4P
TOSHIBA Diode Silicon Epitaxial Planar Type
More results

Similar Description - 1SS306

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SK1412 SANYO-2SK1412 Datasheet
96Kb / 3P
High-Voltage High-Speed Switching Applications
2SK1413 SANYO-2SK1413 Datasheet
81Kb / 3P
High-Voltage High-Speed Switching Applications
2SK3748 SANYO-2SK3748 Datasheet
46Kb / 4P
High-Voltage, High-Speed Switching Applications
logo
Toshiba Semiconductor
1SS311 TOSHIBA-1SS311_07 Datasheet
193Kb / 3P
High Voltage,High Speed Switching Applications
1SS370 TOSHIBA-1SS370_07 Datasheet
207Kb / 3P
High Voltage, High Speed Switching Applications
01-Nov-2007
1SS398 TOSHIBA-1SS398_07 Datasheet
255Kb / 4P
High Voltage, High Speed Switching Applications
1SS399 TOSHIBA-1SS399_07 Datasheet
254Kb / 4P
High Voltage, High Speed Switching Applications
logo
Pan Jit International I...
1SS397 PANJIT-1SS397 Datasheet
202Kb / 4P
HIGH VOLTAGE, HIGH SPEED SWITCHING APPLICATIONS
logo
Sanyo Semicon Device
2SK3746 SANYO-2SK3746_12 Datasheet
497Kb / 7P
High-Voltage, High-Speed Switching Applications
2SK3747 SANYO-2SK3747_12 Datasheet
107Kb / 7P
High-Voltage, High-Speed Switching Applications
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com