Electronic Components Datasheet Search
  English  ▼

X  

1SS307 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 1SS307
Description  General Puropose Rectifier Applications
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

1SS307 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  1SS307 Datasheet HTML 1Page - Toshiba Semiconductor 1SS307 Datasheet HTML 2Page - Toshiba Semiconductor 1SS307 Datasheet HTML 3Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1SS307
2007-11-01
1
TOSHIBA Diode Silicon Epitaxial Planar Type
1SS307
General Puropose Rectifier Applications
Low forward voltage
: VF = 1.0V (typ.)
Low reverse current
: IR = 0.1nA (typ.)
Small total capacitance
: CT = 3.0pF (typ.)
Small package
: SC−59
Absolute Maximum Ratings (Ta = 25°C)
Characteristic
Symbol
Rating
Unit
Maximum (peak) reverse voltage
VRM
35
V
Reverse voltage
VR
30
V
Maximum (peak) forward current
IFM
300
mA
Average forward current
IO
100
mA
Surge current (10ms)
IFSM
2
A
Power dissipation
P
150
mW
Junction temperature
Tj
125
°C
Storage temperature
Tstg
−55
∼125
°C
Note: Using continuously under heavy loads (e.g. the application of high
temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the
reliability significantly even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are
within the absolute maximum ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
Forward voltage
VF
―
IF = 10mA
―
1.0
1.3
V
Reverse current
IR
―
VR = 30V
―
―
10
μA
Total capacitance
CT
―
VR = 0, f = 1MHz
―
3.0
6.0
pF
Marking
JEDEC
TO−236MOD
EIAJ
SC−59
TOSHIBA
1−3G1B
Weight: 0.012g(typ.)
Unit: mm


Similar Part No. - 1SS307

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
1SS307 TOSHIBA-1SS307 Datasheet
109Kb / 2P
DIODE (GENERAL PURPOSE RECTIFIER APPLICATIONS)
logo
Guangdong Kexin Industr...
1SS307 KEXIN-1SS307 Datasheet
37Kb / 1P
Silicon Epitaxial Planar Type
logo
Toshiba Semiconductor
1SS307E TOSHIBA-1SS307E Datasheet
163Kb / 6P
Switching Diodes Silicon Epitaxial Planar
1SS307 TOSHIBA-1SS307_14 Datasheet
202Kb / 3P
TOSHIBA Diode Silicon Epitaxial Planar Type
More results

Similar Description - 1SS307

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
1R5JZ41 TOSHIBA-1R5JZ41 Datasheet
135Kb / 2P
RECTIFIER (GENERAL PURPOSE RECTIFIER APPLICATIONS)
1S1829 TOSHIBA-1S1829 Datasheet
116Kb / 2P
RECTIFIER (GENERAL PURPOSE RECTIFIER APPLICATIONS)
1S1830 TOSHIBA-1S1830 Datasheet
134Kb / 2P
RECTIFIER (GENERAL PURPOSE RECTIFIER APPLICATIONS)
1S1885A TOSHIBA-1S1885A Datasheet
131Kb / 2P
RECTIFIER (GENERAL PURPOSE RECTIFIER APPLICATIONS)
1S2460 TOSHIBA-1S2460 Datasheet
93Kb / 2P
GENERAL PURPOSE RECTIFIER APPLICATIONS.
U10LC48 TOSHIBA-U10LC48_07 Datasheet
206Kb / 4P
General Purpose Rectifier Applications
CRG03 TOSHIBA-CRG03 Datasheet
165Kb / 4P
General Purpose Rectifier Applications
CMG03 TOSHIBA-CMG03 Datasheet
155Kb / 4P
General Purpose Rectifier Applications
CRG09 TOSHIBA-CRG09 Datasheet
188Kb / 6P
General Purpose Rectifier Applications
U2JC44 TOSHIBA-U2JC44 Datasheet
154Kb / 3P
GENERAL PURPOSE RECTIFIER APPLICATIONS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com