Electronic Components Datasheet Search
  English  ▼

X  

2SC5857 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 2SC5857
Description  HORIZONTAL DEFLECTION OUTPUT FOR HDTV, DIGITAL TV, PROJECTION TV
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC5857 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  2SC5857 Datasheet HTML 1Page - Toshiba Semiconductor 2SC5857 Datasheet HTML 2Page - Toshiba Semiconductor 2SC5857 Datasheet HTML 3Page - Toshiba Semiconductor 2SC5857 Datasheet HTML 4Page - Toshiba Semiconductor 2SC5857 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2SC5857
2004-5-18
1
TOSHIBA TRANSISTOR SILICON NPN TRIPLE DIFFUSED MESA TYPE
2SC5857
HORIZONTAL DEFLECTION OUTPUT FOR
HDTV, DIGITAL TV, PROJECTION TV
High Voltage
: VCBO = 1700 V
Low Saturation Voltage
: VCE (sat) = 1.5 V (max)
High Speed
: tf(2) = 0.1 µs (typ.)
MAXIMUM RATINGS (Tc = 25°C)
CHARACTERISTIC
SYMBOL
RATING
UNIT
Collector−Base Voltage
VCBO
1700
V
Collector−Emitter Voltage
VCEO
750
V
Emitter−Base Voltage
VEBO
5
V
DC
IC
21
Collector Current
Pulse
ICP
42
A
Base Current
IB
10.5
A
Collector Power Dissipation
PC
75
W
Junction Temperature
Tj
150
°C
Storage Temperature Range
Tstg
−55~150
°C
ELECTRICAL CHARACTERISTICS (Tc = 25°C)
CHARACTERISTIC
SYMBOL
TEST CONDITION
Min
Typ.
Max
UNIT
Collector Cut−off Current
ICBO
VCB = 1700 V, IE = 0
―
―
1
mA
Emitter Cut−off Current
IEBO
VEB = 5 V, IC = 0
―
―
100
µA
Collector − Emitter Breakdown Voltage
V (BR) CEO IC = 10 mA, IB = 0
750
―
―
V
hFE (1)
VCE = 5 V, IC = 2 A
30
―
60
hFE (2)
VCE = 5 V, IC = 8 A
11
―
19
DC Current Gain
hFE (3)
VCE = 5 V, IC = 17 A
5
―
7.5
―
Collector−Emitter Saturation Voltage
VCE (sat)
IC = 17 A, IB = 4.25 A
―
―
1.5
V
Base−Emitter Saturation Voltage
VBE (sat)
IC = 17 A, IB = 4.25 A
―
1.0
1.5
V
Transition Frequency
fT
VCE = 10 V, IC = 0.1 A
―
2
―
MHz
Collector Output Capacitance
Cob
VCB = 10 V, IE = 0, f = 1 MHz
―
280
―
pF
Storage Time
tstg(1)
―
4.5
―
Fall Time
tf(1)
ICP = 9 A , IB1 (end) = 1.4 A
fH = 32 kHz
―
0.1
―
µs
Storage Time
tstg(2)
―
3.5
―
Switching Time
Fall Time
tf(2)
ICP = 8 A, IB1 (end) = 1.2 A
fH = 45 kHz
―
0.1
―
µs
Unit: mm
JEDEC
―
JEITA
―
TOSHIBA
2-16E3A
Weight: 5.5 g (typ.)


Similar Part No. - 2SC5857

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SC5850 RENESAS-2SC5850 Datasheet
85Kb / 6P
Silicon NPN Epitaxial
2SC5851 RENESAS-2SC5851 Datasheet
96Kb / 7P
Silicon NPN Epitaxial
2SC5852 RENESAS-2SC5852 Datasheet
88Kb / 6P
Silicon NPN Epitaxial Planar
logo
Toshiba Semiconductor
2SC5855 TOSHIBA-2SC5855 Datasheet
194Kb / 5P
HORIZONTAL DEFLECTION OUTPUT FOR SUPER HIGH RESOLUTION
logo
Inchange Semiconductor ...
2SC5855 ISC-2SC5855 Datasheet
285Kb / 2P
isc Silicon NPN Power Transistor
More results

Similar Description - 2SC5857

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2SC937 ETC-2SC937 Datasheet
34Kb / 1P
TRANSLESS TV HORIZONTAL DEFLECTION OUTPUT
logo
Hitachi Semiconductor
2SC3769 HITACHI-2SC3769 Datasheet
34Kb / 1P
TV HORIZONTAL DEFLECTION OUTPUT
logo
Toshiba Semiconductor
2SC5858 TOSHIBA-2SC5858 Datasheet
199Kb / 6P
HORIZONTAL DEFLECTION OUTPUT FOR HDTV, DIGITAL TV, PROJECTION TV
logo
JILIN SINO-MICROELECTRO...
3DD1555P JSMC-3DD1555P Datasheet
219Kb / 5P
Horizontal deflection output for color TV
3DD5017P JSMC-3DD5017P Datasheet
266Kb / 5P
Horizontal deflection output for color TV
3DD5023P JSMC-3DD5023P Datasheet
210Kb / 5P
Horizontal deflection output for color TV
3DD5024P JSMC-3DD5024P Datasheet
233Kb / 5P
Horizontal deflection output for color TV.
3DD5032P JSMC-3DD5032P Datasheet
223Kb / 5P
Horizontal deflection output for color TV.
3DD5036P JSMC-3DD5036P Datasheet
246Kb / 5P
Horizontal deflection output for color TV.
logo
Toshiba Semiconductor
2SC5748 TOSHIBA-2SC5748 Datasheet
138Kb / 5P
Horizontal Deflection Output for HDTV&Digital TV
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com