Electronic Components Datasheet Search
  English  ▼

X  

AM62A7 Datasheet(PDF) 90 Page - Texas Instruments

Part # AM62A7
Description  AM62Ax Sitara™ Processors
PDF  248 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM62A7 Datasheet(HTML) 90 Page - Texas Instruments

Back Button AM62A7 Datasheet HTML 86Page - Texas Instruments AM62A7 Datasheet HTML 87Page - Texas Instruments AM62A7 Datasheet HTML 88Page - Texas Instruments AM62A7 Datasheet HTML 89Page - Texas Instruments AM62A7 Datasheet HTML 90Page - Texas Instruments AM62A7 Datasheet HTML 91Page - Texas Instruments AM62A7 Datasheet HTML 92Page - Texas Instruments AM62A7 Datasheet HTML 93Page - Texas Instruments AM62A7 Datasheet HTML 94Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 248 page
background image
6.10 Thermal Resistance Characteristics
This section provides the thermal resistance characteristics used on this device.
For reliability and operability concerns, the maximum junction temperature of the device has to be at or below
the TJ value identified in Section 6.5, Recommended Operating Conditions.
6.10.1 Thermal Resistance Characteristics for AMB and ANF Packages
It is recommended to perform thermal simulations at the system level with the worst case device power consumption.
NO.
PARAMETER
DESCRIPTION
AMB
PACKAGE
°C/W(1) (2)
ANF
PACKAGE
°C/W(1) (2)
AIR FLOW
(m/s)(3)
T1
RΘJC
Junction-to-case
0.77
0.68
N/A
T2
RΘJB
Junction-to-board
3.3
3.22
N/A
T3
RΘJA
Junction-to-free air
12.5
12.3
0
T4
Junction-to-moving air
8.6
8.5
1
T5
7.6
7.6
2
T6
7.0
7.0
3
T7
ΨJT
Junction-to-package top
0.39
0.41
0
T8
0.41
0.44
1
T9
0.42
0.45
2
T10
0.43
0.46
3
T11
ΨJB
Junction-to-board
3.1
3.1
0
T12
2.8
2.7
1
T13
2.7
2.6
2
T14
2.6
2.6
3
(1)
°C/W = degrees Celsius per watt.
(2)
These values are based on a JEDEC defined 2S2P system (with the exception of the Theta JC [RΘJC] value, which is based on
a JEDEC defined 1S0P system) and will change based on environment as well as application. For more information, see these
EIA/JEDEC standards:
•
JESD51-2, Integrated Circuits Thermal Test Method Environment Conditions - Natural Convection (Still Air)
•
JESD51-3, Low Effective Thermal Conductivity Test Board for Leaded Surface Mount Packages
•
JESD51-6, Integrated Circuit Thermal Test Method Environmental Conditions - Forced Convection (Moving Air)
•
JESD51-7, High Effective Thermal Conductivity Test Board for Leaded Surface Mount Packages
•
JESD51-9, Test Boards for Area Array Surface Mount Packages
(3)
m/s = meters per second.
6.11 Temperature Sensor Characteristics
This section summarizes the Voltage and Temperature Module (VTM) on die temperature sensor characteristics.
For operation and reliability concerns, the maximum junction temperature of the device must be equal to or less
than the TJ value identified in Recommended Operating Conditions.
Table 6-3. VTM Die Temperature Sensor Characteristics
PARAMETER
TEST
CONDITIONS
MIN
TYP
MAX
UNIT
Tacc
VTM temperature sensor accuracy
–40
℃ to 125℃
–5
5
℃
AM62A7, AM62A7-Q1, AM62A3, AM62A3-Q1, AM62A1, AM62A1-Q1
SPRSP77C – MARCH 2023 – REVISED JANUARY 2025
www.ti.com
90
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com