Electronic Components Datasheet Search
  English  ▼

X  

AM6958 Datasheet(PDF) 67 Page - Texas Instruments

Part # AM6958
Description  AM69x Processors, Silicon Revision 1.0
PDF  326 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM6958 Datasheet(HTML) 67 Page - Texas Instruments

Back Button AM6958 Datasheet HTML 63Page - Texas Instruments AM6958 Datasheet HTML 64Page - Texas Instruments AM6958 Datasheet HTML 65Page - Texas Instruments AM6958 Datasheet HTML 66Page - Texas Instruments AM6958 Datasheet HTML 67Page - Texas Instruments AM6958 Datasheet HTML 68Page - Texas Instruments AM6958 Datasheet HTML 69Page - Texas Instruments AM6958 Datasheet HTML 70Page - Texas Instruments AM6958 Datasheet HTML 71Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 326 page
background image
Table 5-1. Pin Attributes (ALY, AND Packages) (continued)
ALY Ball
Num [1]
AND Ball
Num [1]
Ball
Name [2]
PADCFG Register [16]
PADCFG Address [17]
Signal
Name [3]
Mux
Mode
[4]
A94
54 [5]
Signal
Type [6]
I/O
Voltage
[7]
Ball State
DURING
Reset
(RX/TX/PULL)
[8]
Ball State
AFTER
Reset
(RX/TX/PULL)
[9]
Mux
Mode
AFTER
Reset
[10]
Pull
Type
[11]
Power [12]
Hys
[13]
Voltage
Buffer
Type [14]
IO
RET [15]
AL9
AH9
SERDES1_REXT
SERDES1_REXT
I
1.8 V
VDDA_0P8_
SERDES0_1
/
VDDA_0P8_
SERDES_C
0_1 /
VDDA_1P8_
SERDES0_1
4L_PHY
AV21
SERDES2_REFCLK_N
SERDES2_REFCLK_N
No
IO
1.8 V
VDDA_0P8_
SERDES2 /
VDDA_0P8_
SERDES_C
2 /
VDDA_1P8_
SERDES2
4L_PHY
AV22
SERDES2_REFCLK_P
SERDES2_REFCLK_P
No
IO
1.8 V
VDDA_0P8_
SERDES2 /
VDDA_0P8_
SERDES_C
2 /
VDDA_1P8_
SERDES2
4L_PHY
AL20
SERDES2_REXT
SERDES2_REXT
No
IO
1.8 V
VDDA_0P8_
SERDES2 /
VDDA_0P8_
SERDES_C
2 /
VDDA_1P8_
SERDES2
4L_PHY
AV16
AK21
SERDES4_REFCLK_N
SERDES4_REFCLK_N
IO
1.8 V
VDDA_0P8_
SERDES4 /
VDDA_0P8_
SERDES_C
4 /
VDDA_1P8_
SERDES4
4L_PHY
AV15
AK20
SERDES4_REFCLK_P
SERDES4_REFCLK_P
IO
1.8 V
VDDA_0P8_
SERDES4 /
VDDA_0P8_
SERDES_C
4 /
VDDA_1P8_
SERDES4
4L_PHY
AM19
AH23
SERDES4_REXT
SERDES4_REXT
IO
1.8 V
VDDA_0P8_
SERDES4 /
VDDA_0P8_
SERDES_C
4 /
VDDA_1P8_
SERDES4
4L_PHY
www.ti.com
AM69A, AM69
SPRSP92D – FEBRUARY 2023 – REVISED DECEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
67
Product Folder Links: AM69A AM69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com