Electronic Components Datasheet Search
  English  ▼

X  

AD5329 Datasheet(PDF) 3 Page - Analog Devices

Part # AD5329
Description  Two?셲 Complement Dual, 12-Bit DACs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5329 Datasheet(HTML) 3 Page - Analog Devices

  AD5329 Datasheet HTML 1Page - Analog Devices AD5329 Datasheet HTML 2Page - Analog Devices AD5329 Datasheet HTML 3Page - Analog Devices AD5329 Datasheet HTML 4Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Two’s Complement, Dual 12-Bit DAC
AD5329
REV PrC 20 DEC 99
– 3 –
Information contained in this Preliminary Data Sheet describes a product in the early definition stage. There is no guarantee that the information contained here will become a final product in its present
form. For latest information contact Walt Heinzer/Analog Devices, Santa Clara, CA. TEL 408 562-7254; FAX 408 562-7154; email; walt.heinzer@analog.com
ABSOLUTE MAXIMUM RATINGS (TA = +25°C, unless
otherwise noted)
VDD to GND ........................................................... -0.3,+6V
VOUTA, VOUTB, VBZ to GND....................................... 0V, VDD
Digital Input Voltages to GND ....................... 0V, VDD+0.3V
Operating Temperature Range.......................... 0°C to +70°C
Maximum Junction Temperature (TJ MAX)................. +150°C
Storage Temperature ................................... -65°C to +150°C
Lead Temperature (Soldering, 10 sec) ....................... +300°C
Package Power Dissipation....................... (TJMAX - TA) / θJA
Thermal Resistance
θ
JA,
µSOIC-10 .....................................................206°C/W
AD5329 Two’s Complement Coding
Binary
Hexadecimal
Scale
0111 1111 1111
7 F F
+FS
0111 1111 1110
7 F F
+FS-1LSB
0000 0000 0001
0 0 1
BZS+1LSB
0000 0000 0000
0 0 0
BZS
1111 1111 1111
F F F
BZS-1LSB
1000 0000 0001
8 0 1
-FS+1LSB
1000 0000 0000
8 0 0
-FS
TABLE 2: AD5329 PIN Descriptions
Pin
Name
Description
1
VDD
Positive power supply, specified for operation
at +5V.
2
SDA
Serial Data Input, MSB first format
3
NC
No Connect
4
VOUTB
DAC B Voltage Output (A0 = logic “1”)
5
VOUTA
DAC A Voltage Output (A0 = logic “0”)
6
VBZ
Virtual Bipolar Zero (Active Output)
7
NC
No Connect
8
FSYNC
Frame Sync Input, Active Low. When
FSYNC
returns HIGH data in the serial input register
is transferred into the DAC register.
9
SCLK
Serial Clock Input, positive edge triggered
10
GND
Ground
TABLE 1: AD5329 Serial-Data Word Format
ADDR
DATA
B16 B15 B14 B13 B12 B11
<>
B4
B3
B2
B1
A0
X
SD
0
D11 D10
<>
D3
D2
D1
D0
MSB
LSB
SD: Shutdown is active high B14="1". Both DACs and the DACREF
becomes open circuit.
SDI
AD5329
1
0
1
SCLK
0
1
FSYNC
0
A0
X
SD
0
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Figure 1A. Timing Diagram



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com