Electronic Components Datasheet Search
  English  ▼

X  

SN74ACT04DBR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN74ACT04DBR
Description  SNx4ACT04 Hex Inverters
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ACT04DBR Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74ACT04DBR Datasheet HTML 2Page - Texas Instruments SN74ACT04DBR Datasheet HTML 3Page - Texas Instruments SN74ACT04DBR Datasheet HTML 4Page - Texas Instruments SN74ACT04DBR Datasheet HTML 5Page - Texas Instruments SN74ACT04DBR Datasheet HTML 6Page - Texas Instruments SN74ACT04DBR Datasheet HTML 7Page - Texas Instruments SN74ACT04DBR Datasheet HTML 8Page - Texas Instruments SN74ACT04DBR Datasheet HTML 9Page - Texas Instruments SN74ACT04DBR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
5.5 Electrical Characteristics
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
TA = 25°C
SN54ACT04
SN74ACT04
UNIT
MIN
TYP
MAX
MIN
MAX
MIN
MAX
VOH
IOH = –50 µA
4.5 V
4.4
4.49
4.4
4.4
V
5.5 V
5.4
5.49
5.4
5.4
IOH = –24 mA
4.5 V
3.86
3.7
3.76
5.5 V
4.86
4.7
4.76
IOH = –50 mA(1)
5.5 V
3.85
IOH = –75 mA(1)
5.5 V
3.85
VOL
IOL = 50 µA
4.5 V
0.001
0.1
0.1
0.1
V
5.5 V
0.001
0.1
0.1
0.1
IOL = 24 mA
4.5 V
0.36
0.5
0.44
5.5 V
0.36
0.5
0.44
IOL = 50 mA(1)
5.5 V
1.65
IOL = 75 mA(1)
5.5 V
1.65
II
VI = VCC or GND
5.5 V
±0.1
±1
±1
µA
ICC
VI = VCC or GND,
IO = 0
5.5 V
2
40
20
µA
∆ICC (2)
One input at 3.4 V,
Other inputs at GND or VCC
5.5 V
0.6
1.6
1.5
mA
Ci
VI = VCC or GND
5 V
4.5
pF
(1)
Not more than one output should be tested at a time, and the duration of the test should not exceed 2 ms.
(2)
This is the increase in supply current for each input that is at one of the specified TTL voltage levels, rather than 0 V or VCC.
5.6 Switching Characteristics
over recommended operating free-air temperature range, VCC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 6-1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
TA = 25°C
SN54ACT04
SN74ACT04
UNIT
MIN
TYP
MAX
MIN
MAX
MIN
MAX
tPLH
A
Y
1
6
8.5
1
9
1
9
ns
tPHL
1
5.5
8
1
8.5
1
8.5
5.7 Operating Characteristics
VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP UNIT
Cpd
Power dissipation capacitance
CL = 50 pF
f = 1 MHz
45
pF
SN54ACT04, SN74ACT04
SCAS518F – JULY 1995 – REVISED NOVEMBER 2024
www.ti.com
6
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: SN54ACT04 SN74ACT04



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com