Electronic Components Datasheet Search
  English  ▼

X  

2SC3075 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # 2SC3075
Description  Silicon NPN Triple Diffused Type (PCT process) Switching Regulator and High Voltage Switching
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC3075 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  2SC3075 Datasheet HTML 1Page - Toshiba Semiconductor 2SC3075 Datasheet HTML 2Page - Toshiba Semiconductor 2SC3075 Datasheet HTML 3Page - Toshiba Semiconductor 2SC3075 Datasheet HTML 4Page - Toshiba Semiconductor 2SC3075 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
2SC3075
2006-11-09
4
Safe Operating Area
Base-emitter voltage VBE (V)
IC – VBE
Collector current IC (A)
Switching Characteristics
Base-emitter voltage VBE (V)
IC – VBE
Pulse width
tw (s)
rth – tw
Collector-emitter voltage VCE (V)
10
−3
0
Common emitter
VCE = 5 V
−40
25
Tc = 100°C
1
10
−1
10
−2
0.2
0.4
0.6
0.8
1.0
1.2
1.4
Curves should be applied in thermal limited area.
(Single nonrepetitive pulse)
(1) Infinite heat sink
(2) No heat sink
0.1
0.001
100
0.01
0.1
1
10
100
1000
10
1
(1)
(2)
IC/IB = 10
IB1 = −IB2
Pulse width = 20 μs
Duty cycle ≤ 1%
Tc = 25°C
0.1
0
100
10
30
50
3
5
1
0.3
0.5
0.1
0.2
0.3
0.4
0.5
tstg
tf
tr
0
0
Common emitter
VCE = 5 V
1000
800
600
400
200
0.2
0.4
0.6
0.8
1.2
1.0
−40
25
Tc = 100°C
10
3
0.01
1
1
0.3
0.1
0.05
0.03
3
30
300
100
1000
0.5
*: Single nonrepetitive pulse
Tc = 25°C
Curves must be derated linearly
with increase in temperature.
IC max (continuous)
IC max (pulsed)*
VCEO max
1 ms*
10 μs*
100 μs*
DC operation
Tc = 25°C
100 ms*
10 ms*



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com