Electronic Components Datasheet Search
  English  ▼

X  

2SC3307 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 2SC3307
Description  Silicon NPN Triple Diffused Type High-Speed and High-Voltage Switching Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC3307 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  2SC3307 Datasheet HTML 1Page - Toshiba Semiconductor 2SC3307 Datasheet HTML 2Page - Toshiba Semiconductor 2SC3307 Datasheet HTML 3Page - Toshiba Semiconductor 2SC3307 Datasheet HTML 4Page - Toshiba Semiconductor 2SC3307 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2SC3307
2006-11-09
1
TOSHIBA Transistor Silicon NPN Triple Diffused Type
2SC3307
High-Speed and High-Voltage Switching Applications
Switching Regulator Applications
High-Speed DC-DC Converter Applications
• Excellent switching times: tr = 1.0 μs (max), tf = 1.0 μs (max)
(IC = 5 A)
• High collector breakdown voltage: VCEO = 800 V
Absolute Maximum Ratings (Tc = 25°C)
Characteristics
Symbol
Rating
Unit
Collector-base voltage
VCBO
900
V
Collector-emitter voltage
VCEO
800
V
Emitter-base voltage
VEBO
7
V
DC
IC
10
Collector current
Pulse
ICP
15
A
Base current
IB
3
A
Collector power dissipation
(Tc = 25°C)
PC
150
W
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
−55 to 150
°C
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/Derating Concept and Methods) and individual reliability data (i.e. reliability test report
and estimated failure rate, etc).
Industrial Applications
Unit: mm
JEDEC
―
JEITA
―
TOSHIBA
2-21F1A
Weight: 9.75 g (typ.)


Similar Part No. - 2SC3307

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC3307 TOSHIBA-2SC3307 Datasheet
200Kb / 3P
NPN TRIPLE DIFFUSED TYPE (HIGH SPEED AND HIGH VOLTAGE SWITCHING, SWITCHING REGULATOR, HIGH SPEED DC-DC CONVERTER APPLICATIONS)
logo
Savantic, Inc.
2SC3307 SAVANTIC-2SC3307 Datasheet
238Kb / 4P
Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
2SC3307 ISC-2SC3307 Datasheet
181Kb / 4P
Silicon NPN Power Transistors
logo
Savantic, Inc.
2SC3307 SAVANTIC-2SC3307 Datasheet
239Kb / 4P
Silicon NPN Power Transistors
logo
Toshiba Semiconductor
2SC3307 TOSHIBA-2SC3307 Datasheet
1Mb / 73P
Bipolar Small-Signal Transistors
More results

Similar Description - 2SC3307

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC3138 TOSHIBA-2SC3138 Datasheet
168Kb / 4P
NPN TRIPLE DIFFUSED TYPE (HIGH VOLTAGE SWITCHING APPLICATIONS)
2SC5122 TOSHIBA-2SC5122 Datasheet
131Kb / 2P
NPN TRIPLE DIFFUSED TYPE (HIGH VOLTAGE SWITCHING APPLICATIONS)
2SC5307 TOSHIBA-2SC5307 Datasheet
132Kb / 2P
NPN TRIPLE DIFFUSED TYPE (HIGH VOLTAGE SWITCHING APPLICATIONS)
2SC3405 TOSHIBA-2SC3405_06 Datasheet
184Kb / 5P
Silicon NPN Triple Diffused Type Switching Regulator and High Voltage Switching Applications
2SC5075 TOSHIBA-2SC5075_06 Datasheet
136Kb / 5P
Silicon NPN Triple Diffused Type Switching Regulator and High-Voltage Switching Applications
2SC5208 TOSHIBA-2SC5208 Datasheet
167Kb / 5P
Silicon NPN Triple Diffused Type High-Voltage Switching Applications
2SC5351 TOSHIBA-2SC5351_06 Datasheet
136Kb / 5P
Silicon NPN Triple Diffused Type High-Voltage Switching Applications
2SC5352 TOSHIBA-2SC5352_06 Datasheet
131Kb / 4P
Silicon NPN Triple Diffused Type Switching Regulator and High-Voltage Switching Applications
2SC5354 TOSHIBA-2SC5354_06 Datasheet
116Kb / 3P
Silicon NPN Triple Diffused Type High-Speed and High-Voltage Switching Applications
2SC5930 TOSHIBA-2SC5930 Datasheet
142Kb / 5P
Silicon NPN Triple Diffused Type (PCT Process) High-Speed and High-Voltage Switching Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com