Electronic Components Datasheet Search
  English  ▼

X  

2SC3324 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 2SC3324
Description  Silicon NPN Epitaxial Type (PCT process) Audio Frequency Low Noise Amplifier Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC3324 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  2SC3324 Datasheet HTML 1Page - Toshiba Semiconductor 2SC3324 Datasheet HTML 2Page - Toshiba Semiconductor 2SC3324 Datasheet HTML 3Page - Toshiba Semiconductor 2SC3324 Datasheet HTML 4Page - Toshiba Semiconductor 2SC3324 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2SC3324
2007-11-01
1
TOSHIBA Transistor Silicon NPN Epitaxial Type (PCT process)
2SC3324
Audio Frequency Low Noise Amplifier Applications
• High voltage: VCEO = 120 V
• Excellent hFE linearity: hFE (IC = 0.1 mA)/ hFE (IC = 2 mA)
= 0.95 (typ.)
• High hFE: hFE = 200~700
• Low noise: NF (2) = 0.2dB (typ.), 3dB (max)
• Complementary to 2SA1312
• Small package
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Collector-base voltage
VCBO
120
V
Collector-emitter voltage
VCEO
120
V
Emitter-base voltage
VEBO
5
V
Collector current
IC
100
mA
Base current
IB
20
mA
Collector power dissipation
PC
150
mW
Junction temperature
Tj
125
°C
Storage temperature range
Tstg
−55~125
°C
Note: Using continuously under heavy loads (e.g. the application of high
temperature/current/voltage and the significant change in temperature, etc.) may cause this product to
decrease in the reliability significantly even if the operating conditions (i.e. operating
temperature/current/voltage, etc.) are within the absolute maximum ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Marking
Unit: mm
JEDEC
TO-236MOD
JEITA
SC-59
TOSHIBA
2-3F1A
Weight: 0.012 g (typ.)


Similar Part No. - 2SC3324

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC3324 TOSHIBA-2SC3324 Datasheet
218Kb / 3P
NPN EPITAXIAL TYPE (AUDIO FREQUENCY LOW NOISE AMPLIFIER APPLICATIONS)
logo
Guangdong Kexin Industr...
2SC3324 KEXIN-2SC3324 Datasheet
36Kb / 1P
Silicon NPN Epitaxial
logo
Toshiba Semiconductor
2SC3324 TOSHIBA-2SC3324 Datasheet
277Kb / 5P
Audio Frequency Low Noise Amplifier Applications
2SC3324 TOSHIBA-2SC3324 Datasheet
277Kb / 5P
Audio Frequency Low Noise Amplifier Applications
2SC3324-BL TOSHIBA-2SC3324-BL Datasheet
277Kb / 5P
Audio Frequency Low Noise Amplifier Applications
More results

Similar Description - 2SC3324

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC2859 TOSHIBA-2SC2859_07 Datasheet
311Kb / 3P
Silicon NPN Epitaxial (PCT process) Audio Frequency Low Power Amplifier Applications
2SC3325 TOSHIBA-2SC3325_07 Datasheet
302Kb / 4P
Silicon NPN Epitaxial Type (PCT process) Audio Frequency Low Power Amplifier Applications
2SC3421 TOSHIBA-2SC3421_06 Datasheet
120Kb / 4P
Silicon NPN Epitaxial Type (PCT Process) Audio Frequency Power Amplifier Applications
2SC3423 TOSHIBA-2SC3423_06 Datasheet
125Kb / 5P
Silicon NPN Epitaxial Type (PCT Process) Audio Frequency Amplifier Applications
2SC4118 TOSHIBA-2SC4118_07 Datasheet
329Kb / 4P
Silicon NPN Epitaxial Type (PCT process) Audio Frequency Low Power Amplifier Applications
2SC4207 TOSHIBA-2SC4207_07 Datasheet
417Kb / 4P
Silicon NPN Epitaxial Type (PCT process) Audio Frequency General Purpose Amplifier Applications
2SC4666 TOSHIBA-2SC4666_07 Datasheet
458Kb / 4P
Silicon NPN Epitaxial Type (PCT process) Audio Frequency Amplifier Applications
HN1B01F TOSHIBA-HN1B01F_07 Datasheet
364Kb / 6P
Silicon NPN Epitaxial Type (PCT Process) Audio-Frequency General-Purpose Amplifier Applications
HN1B01FU TOSHIBA-HN1B01FU_07 Datasheet
362Kb / 6P
Silicon NPN Epitaxial Type (PCT Process) Audio Frequency General Purpose Amplifier Applications
HN1B04F TOSHIBA-HN1B04F_07 Datasheet
514Kb / 6P
Silicon NPN Epitaxial Type (PCT Process) Audio Frequency General Purpose Amplifier Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com