Electronic Components Datasheet Search
  English  ▼

X  

2SC3425 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 2SC3425
Description  Silicon NPN Triple Diffused Type (PCT Process)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC3425 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  2SC3425 Datasheet HTML 1Page - Toshiba Semiconductor 2SC3425 Datasheet HTML 2Page - Toshiba Semiconductor 2SC3425 Datasheet HTML 3Page - Toshiba Semiconductor 2SC3425 Datasheet HTML 4Page - Toshiba Semiconductor 2SC3425 Datasheet HTML 5Page - Toshiba Semiconductor 2SC3425 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
2SC3425
2006-11-09
1
TOSHIBA Transistor Silicon NPN Triple Diffused Type (PCT Process)
2SC3425
Switching Regulator and High-Voltage Switching
Applications
High-Speed DC-DC Converter Applications
• Excellent switching times: tr = 1.0 μs (max)
tf = 1.5 μs (max), (IC = 0.5 A)
• High breakdown voltage: VCEO = 400 V
Absolute Maximum Ratings (Tc = 25°C)
Characteristics
Symbol
Rating
Unit
Collector-base voltage
VCBO
500
V
Collector-emitter voltage
VCEO
400
V
Emitter-base voltage
VEBO
7
V
DC
IC
0.8
Collector current
Pulse
ICP
1.5
A
Base current
IB
0.5
A
Ta = 25°C
1.2
Collector power
dissipation
Tc = 25°C
PC
10
W
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
−55 to 150
°C
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/Derating Concept and Methods) and individual reliability data (i.e. reliability test report
and estimated failure rate, etc).
Industrial Applications
Unit: mm
JEDEC
―
JEITA
―
TOSHIBA
2-8H1A
Weight: 0.82 g (typ.)


Similar Part No. - 2SC3425

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC3425 TOSHIBA-2SC3425 Datasheet
220Kb / 3P
TRANSISTOR SILICON NPN DIFFUSED TYPE (PCT PROCESS)
2SC3425 TOSHIBA-2SC3425 Datasheet
1Mb / 73P
Bipolar Small-Signal Transistors
logo
Inchange Semiconductor ...
2SC3425 ISC-2SC3425 Datasheet
324Kb / 2P
isc Silicon NPN Power Transistor
More results

Similar Description - 2SC3425

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC2552 TOSHIBA-2SC2552 Datasheet
163Kb / 2P
TOSHIBA Transistor Silicon NPN Triple Diffused Type (PCT Process)
2SD1052A TOSHIBA-2SD1052A Datasheet
113Kb / 3P
SILICON NPN TRIPLE DIFFUSED TYPE (PCT PROCESS)
2SC2068 TOSHIBA-2SC2068 Datasheet
70Kb / 2P
SILICON NPN TRIPLE DIFFUSED TYPE(PCT PROCESS)
2SC2231 TOSHIBA-2SC2231 Datasheet
122Kb / 3P
SILICON NPN TRIPLE DIFFUSED TYPE(PCT PROCESS)
2SC2242 TOSHIBA-2SC2242 Datasheet
112Kb / 3P
SILICON NPN TRIPLE DIFFUSED TYPE(PCT PROCESS)
2SC1569 TOSHIBA-2SC1569 Datasheet
244Kb / 2P
SILICON NPN TRIPLE DIFFUSED TYPE(PCT PROCESS)
2SC1628 TOSHIBA-2SC1628 Datasheet
145Kb / 4P
SILICON NPN TRIPLE DIFFUSED TRANSISTOR (PCT PROCESS)
2SB1018A TOSHIBA-2SB1018A_06 Datasheet
170Kb / 5P
Silicon NPN Triple Diffused Type (PCT Process)
2SC2229 TOSHIBA-2SC2229_06 Datasheet
124Kb / 5P
Silicon NPN Triple Diffused Type (PCT Process)
2SC2230A TOSHIBA-2SC2230A Datasheet
133Kb / 5P
Silicon NPN Triple Diffused Type (PCT Process)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com