Electronic Components Datasheet Search
  English  ▼

X  

2SC3619 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # 2SC3619
Description  Silicon NPN Triple Diffused Type (PCT Process) High-Voltage Switching and Amplifier Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC3619 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  2SC3619 Datasheet HTML 1Page - Toshiba Semiconductor 2SC3619 Datasheet HTML 2Page - Toshiba Semiconductor 2SC3619 Datasheet HTML 3Page - Toshiba Semiconductor 2SC3619 Datasheet HTML 4Page - Toshiba Semiconductor 2SC3619 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2SC3619
2006-11-09
3
Collector-emitter voltage VCE (V)
IC – VCE
Collector current IC (mA)
Collector current IC (mA)
VCE (sat) – IC
VCE (sat) – IC
VBE (sat) – IC
Collector current IC (mA)
hFE – IC
Collector current IC (mA)
hFE – IC
30
Common emitter
IC/IB = 5
Ta = 25°C
5
0.3
3
0.5
0.3
0.1
1
3
10
100
1
Collector current IC (mA)
10
30
Common emitter
VCE = 10 V
500
0.3
300
50
30
10
1
3
10
100
VCE = 20 V
5
100
25
30
Common emitter
VCE = 10 V
500
0.3
300
50
30
10
1
3
10
100
Ta = 100°C
−25
100
Common emitter
Ta = 25°C
1
0.3
3
10
30
5
0.05
0.1
0.3
0.5
100
3
IC/IB = 10
5
2
1
Common emitter
IC/IB = 5
1
0.3
3
10
30
5
0.05
0.1
0.3
0.5
100
3
Ta = 100°C
−25
25
1
0.6
4
3
120
0
0
100
80
20
4
8
12
Common emitter
Ta = 25°C
2
IB = 0.2 mA
16
6
1
60
40
20
24
0.4



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com