Electronic Components Datasheet Search
  English  ▼

X  

RF2926 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RF2926
Description  UHF DUAL CONVERSION TRANSCEIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2926 Datasheet(HTML) 3 Page - RF Micro Devices

  RF2926 Datasheet HTML 1Page - RF Micro Devices RF2926 Datasheet HTML 2Page - RF Micro Devices RF2926 Datasheet HTML 3Page - RF Micro Devices RF2926 Datasheet HTML 4Page - RF Micro Devices RF2926 Datasheet HTML 5Page - RF Micro Devices RF2926 Datasheet HTML 6Page - RF Micro Devices RF2926 Datasheet HTML 7Page - RF Micro Devices RF2926 Datasheet HTML 8Page - RF Micro Devices RF2926 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
11-187
RF2926
Rev A5 010404
11
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Second IF Section
IF Frequency Range
0.1
10.7
22
MHz
Voltage Gain
60
dB
IF= 10.7MHz
IF2 Input Impedance
330
Ω
IF2 Output Impedance
1
k
Ω
At IF2 OUT pin
Demod Input Impedance
10
k
Ω
FM Output Impedance
500
Ω
Data Output Impedance
>1
M
Ω
FM Output Bandwidth
1.6
MHz
Data Output Bandwidth
1.4
MHz
Data Output Level
0.3
VCC-0.3
V
ZLOAD=1MΩ || 3pF; Output voltage is pro-
portional with the instantaneous frequency
deviation.
FM Output DC Level
2.6
V
ZLOAD>10kΩ
FM Output AC Level
200
mVPP
ZLOAD>10kΩ
Power Down Control
Logical Controls “ON”
2.0
V
Voltage supplied to the input
Logical Controls “OFF”
1.0
V
Voltage supplied to the input
Control Input Impedance
25k
Ω
Power Supply
Voltage
3.6
V
Specifications
2.7 to 5.0
V
Operating limits
Current Consumption
37.3
mA
TX Mode, LVL ADJ= 3.6V
10.9
mA
TX Mode, LVL ADJ= 0V
10 to 18
mA
RX Mode; Current is adjustable
1
µA
Power Down Mode
3.8
mA
PLL Only Mode



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com