Electronic Components Datasheet Search
  English  ▼

X  

1SS348 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 1SS348
Description  Low Voltage High Speed Switching
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

1SS348 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  1SS348 Datasheet HTML 1Page - Toshiba Semiconductor 1SS348 Datasheet HTML 2Page - Toshiba Semiconductor 1SS348 Datasheet HTML 3Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1SS348
2007-11-01
1
TOSHIBA Diode Silicon Epitaxial Schottky Barrier Type
1SS348
Low Voltage High Speed Switching
Low forward voltage
: VF (3) = 0.56V (typ.)
Low reverse current
: IR = 5μA (max)
Small package
: SC-59
Absolute Maximum Ratings (Ta = 25°C)
Characteristic
Symbol
Rating
Unit
Maximum (peak) reverse voltage
VRM
85
V
Reverse voltage
VR
80
V
Maximum (peak) forward current
IFM
300
mA
Average forward current
IO
100
mA
Power dissipation
P
200
mW
Junction temperature
Tj
125
°C
Storage temperature
Tstg
−55~125
°C
Operating Temperature
Topr
−40~100
°C
Note: Using continuously under heavy loads (e.g. the application of high
temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the
reliability significantly even if the operating conditions (i.e.
operating temperature/current/voltage, etc.) are within the absolute maximum ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
VF (1)
―
IF = 1mA
―
0.26
―
VF (2)
―
IF = 10mA
―
0.34
―
Forward voltage
VF (3)
―
IF = 100mA
―
0.56
0.70
V
Reverse current
IR (1)
―
VR = 80V
―
―
5
μA
Total capacitance
CT
―
VR = 0, f = 1MHz
―
45
100
pF
Marking
JEDEC
TD-236MOD
EIAJ
SC-59
TOSHIBA
1-3G1B
Weight: 0.012g
Unit: mm


Similar Part No. - 1SS348

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
1SS348 TOSHIBA-1SS348 Datasheet
110Kb / 2P
DIODE (LOW VOLTAGE HIGH SPEED SWITCHING)
logo
Guangdong Kexin Industr...
1SS348 KEXIN-1SS348 Datasheet
35Kb / 1P
LOW VOLTAGE HIGH SPEED SWITCHING
More results

Similar Description - 1SS348

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
1SS294 TOSHIBA-1SS294_07 Datasheet
197Kb / 3P
Low Voltage High Speed Switching
1SS319 TOSHIBA-1SS319_07 Datasheet
186Kb / 3P
Low Voltage High Speed Switching
1SS357 TOSHIBA-1SS357_07 Datasheet
282Kb / 3P
Low Voltage High Speed Switching
1SS383 TOSHIBA-1SS383_07 Datasheet
172Kb / 3P
Low Voltage High Speed Switching
1SS384 TOSHIBA-1SS384_07 Datasheet
200Kb / 3P
Low Voltage High Speed Switching
logo
Guangdong Kexin Industr...
1SS294 KEXIN-1SS294 Datasheet
34Kb / 1P
LOW VOLTAGE HIGH SPEED SWITCHING
1SS357 KEXIN-1SS357 Datasheet
32Kb / 1P
LOW VOLTAGE HIGH SPEED SWITCHING
1SS392 KEXIN-1SS392 Datasheet
35Kb / 1P
LOW VOLTAGE HIGH SPEED SWITCHING
1SS393 KEXIN-1SS393 Datasheet
44Kb / 1P
LOW VOLTAGE HIGH SPEED SWITCHING
logo
Toshiba Semiconductor
1SS294T5LFT TOSHIBA-1SS294T5LFT Datasheet
191Kb / 3P
Low Voltage High Speed Switching
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com