Electronic Components Datasheet Search
  English  ▼

X  

2SC4214 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 2SC4214
Description  Silicon NPN Planar Type UHF TV Tuner RF Amplifier Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC4214 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  2SC4214 Datasheet HTML 1Page - Toshiba Semiconductor 2SC4214 Datasheet HTML 2Page - Toshiba Semiconductor 2SC4214 Datasheet HTML 3Page - Toshiba Semiconductor 2SC4214 Datasheet HTML 4Page - Toshiba Semiconductor 2SC4214 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2SC4214
2007-11-01
1
TOSHIBA Transistor Silicon NPN Planar Type
2SC4214
UHF TV Tuner RF Amplifier Applications
• Low noise figure: NF = 2.8dB (typ.)
• High power gain VCC = 4.5 V: Gpb = 15dB (typ.)
• Excellent forward AGC characteristics
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Collector-base voltage
VCBO
25
V
Collector-emitter voltage
VCEO
20
V
Emitter-base voltage
VEBO
2
V
Base current
IB
4
mA
Collector current
IC
20
mA
Collector power dissipation
PC
150
mW
Junction temperature
Tj
125
°C
Storage temperature range
Tstg
−55~125
°C
Note: Using continuously under heavy loads (e.g. the application of high
temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the
reliability significantly even if the operating conditions (i.e.
operating temperature/current/voltage, etc.) are within the
absolute maximum ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Collector cut-off current
ICBO
VCB = 10 V, IE = 0
⎯
⎯
0.1
μA
Emitter cut-off current
IEBO
VEB = 2 V, IC = 0
⎯
⎯
1
μA
Collector-emitter breakdown voltage
V (BR) CEO
IC = 1 mA, IB = 0
20
⎯
⎯
V
DC current gain
hFE
VCE = 3.0 V, IC = 1 mA
40
100
⎯
Transition frequency
fT
VCE = 3.0 V, IC = 1 mA
500
850
⎯
MHz
Reverse transfer capacitance
Crb
VCE = 2.0 V, IB = 0, f = 1 MHz
⎯
0.3
0.5
pF
Power gain
Gpb
10
15
⎯
dB
Noise figure
NF
VCC = 4.5 V, VAGC = 2.0 V
f
= 800 MHz (Figure 1)
⎯
2.8
4.5
dB
AGC voltage
VAGC
VCC = 4.5 V, G.R. = −20dB
f
= 800 MHz
(Note)
2.5
3.2
4.0
V
Unit: mm
JEDEC
―
JEITA
―
TOSHIBA
2-3J1B
Weight: 0.013 g (typ.)


Similar Part No. - 2SC4214

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC4214 TOSHIBA-2SC4214 Datasheet
179Kb / 3P
NPN PLANAR TYPE (UHF TV TUNER RF AMPLIFIER APPLICATIONS)
28-Oct-1998
More results

Similar Description - 2SC4214

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC4214 TOSHIBA-2SC4214 Datasheet
179Kb / 3P
NPN PLANAR TYPE (UHF TV TUNER RF AMPLIFIER APPLICATIONS)
28-Oct-1998
2SC4244 TOSHIBA-2SC4244 Datasheet
181Kb / 4P
NPN EPITAXIAL PLANAR TYPE (UHF TV TUNER RF AMPLIFIER APPLICATIONS)
28-Oct-1998
2SC4245 TOSHIBA-2SC4245 Datasheet
231Kb / 4P
NPN EPITAXIAL PLANAR TYPE (TV TUNER, UHF MIXER, VHF~UHF BAND RF AMPLIFIER APPLICATIONS
28-Oct-1998
HN3C02FU TOSHIBA-HN3C02FU Datasheet
92Kb / 1P
NPN EPITAXIAL PLANAR TYPE (TV TUNER, UHF CONVERTER, UHF RF AMPLIFIER APPLICATIONS)
HN3C03FU TOSHIBA-HN3C03FU Datasheet
91Kb / 1P
NPN EPITAXIAL PLANAR TYPE (TV TUNER, UHF CONVERTER, UHF RF AMPLIFIER APPLICATIONS)
TG2000F TOSHIBA-TG2000F Datasheet
260Kb / 5P
TV TUNER, UHF RF AMPLIFIER APPLICATIONS)
3SK232 TOSHIBA-3SK232 Datasheet
1Mb / 3P
TV TUNER, UHF RF AMPLIFIER APPLICATIONS.
2SC4247 TOSHIBA-2SC4247_07 Datasheet
562Kb / 4P
Silicon NPN Epitaxial Planar Type TV Tuner, UHF Oscillator Applications
01-Nov-2007
3SK232 TOSHIBA-3SK232_07 Datasheet
423Kb / 4P
TV Tuner, UHF RF Amplifier Applications
3SK291 TOSHIBA-3SK291_07 Datasheet
744Kb / 6P
TV Tuner, UHF RF Amplifier Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com