Electronic Components Datasheet Search
  English  ▼

X  

BAS70-06-HF Datasheet(PDF) 2 Page - Comchip Technology

Part # BAS70-06-HF
Description  Small Signal Schottky Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

BAS70-06-HF Datasheet(HTML) 2 Page - Comchip Technology

  BAS70-06-HF Datasheet HTML 1Page - Comchip Technology BAS70-06-HF Datasheet HTML 2Page - Comchip Technology BAS70-06-HF Datasheet HTML 3Page - Comchip Technology BAS70-06-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Electrical Characteristics (at Ta=25°C unless otherwise noted)
Typical Rating and Characteristic Curves (BAS70-xx-HF Series)
Parameter
Symbol
Conditions
Value
Unit
CJ
pF
5
f = 1MHz, VR = 1V
trr
ns
IF = IR = 10mA, I(REC) = 1mA
2
Comchip Technology CO., LTD.
REV:A
Page 2
Fig.1 - Power Derating Curve
0
0.01
100
50
125
75
100
Forward Voltage, VF (V)
0
0.1
1
0.6
0.2
Fig.2 - Forward Characteristics
Ambient Temperature, TA (°C)
300
0
150
0.4
1
200
250
50
100
Small Signal Schottky Diodes
QW-JA024
IR = 10µA
VR
µA
70
IFM = 15mA
VF
0.41
V
1
IFM = 1mA
VR = 50V
IR
0.2
Maximum instantaneous forward voltage
Continuous reverse voltage
Maximum DC reverse current
Maximum junction capacitance
Maximum reverse recovery time
V
Fig.3 - Reverse Characteristics
0
0
5
30
70
40
60
Reverse Voltage, VR (V)
0
4
1
Fig.4 - Capacitance Characteristics
Reverse Voltage, VR (V)
100
2
25
10
0.8
1
2
3
f=1MHz
Ta=25°C
50
20
10
0.01
0.1
1
10
0.001
T=25°C
T=75°C
T=125°C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com