Electronic Components Datasheet Search
  English  ▼

X  

2SC5075 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # 2SC5075
Description  Silicon NPN Triple Diffused Type Switching Regulator and High-Voltage Switching Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC5075 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  2SC5075 Datasheet HTML 1Page - Toshiba Semiconductor 2SC5075 Datasheet HTML 2Page - Toshiba Semiconductor 2SC5075 Datasheet HTML 3Page - Toshiba Semiconductor 2SC5075 Datasheet HTML 4Page - Toshiba Semiconductor 2SC5075 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2SC5075
2006-11-10
2
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Collector cut-off current
ICBO
VCB = 400 V, IE = 0
―
―
100
μA
Emitter cut-off current
IEBO
VEB = 7 V, IC = 0
―
―
1
mA
Collector-base breakdown voltage
V (BR) CBO
IC = 1 mA, IE = 0
500
―
―
V
Collector-emitter breakdown voltage
V (BR) CEO
IC = 10 mA, IB = 0
400
―
―
V
VCE = 5 V, IC = 0.1 A
20
―
―
DC current gain
hFE
VCE = 5 V, IC = 1 A
8
―
―
Collector-emitter saturation voltage
VCE (sat)
IC = 1 A, IB = 0.2 A
―
―
1.0
V
Base-emitter saturation voltage
VBE (sat)
IC = 1 A, IB = 0.2 A
―
―
1.5
V
Rise time
ton
―
―
1.0
Storage time
tstg
―
―
2.5
Switching time
Fall time
tf
IB1 = −IB2 = 0.08 A, duty cycle < 1%
―
―
1.0
μs
Marking
20 μs
VCC ≈ 200 V
Output
IB2
IB1
Input
C5075
Lot No.
A line indicates
lead (Pb)-free package or
lead (Pb)-free finish.
Part No. (or abbreviation code)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com