Electronic Components Datasheet Search
  English  ▼

X  

2SC5084 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # 2SC5084
Description  Silicon NPN Epitaxial Planar Type VHF~UHF Band Low Noise Amplifier Applications
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC5084 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  2SC5084 Datasheet HTML 1Page - Toshiba Semiconductor 2SC5084 Datasheet HTML 2Page - Toshiba Semiconductor 2SC5084 Datasheet HTML 3Page - Toshiba Semiconductor 2SC5084 Datasheet HTML 4Page - Toshiba Semiconductor 2SC5084 Datasheet HTML 5Page - Toshiba Semiconductor 2SC5084 Datasheet HTML 6Page - Toshiba Semiconductor 2SC5084 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
2SC5084
2007-11-01
4
S-Parameter ZO = 50 Ω, Ta = 25°C
VCE = 10 V, IC = 5 mA
Frequency
S11
S21
S12
S22
(MHz)
Mag.
Ang.
Mag.
Ang.
Mag.
Ang.
Mag.
Ang.
200
0.628
−77.1
9.254
126.5
0.051
53.3
0.695
−31.0
400
0.471
−122.1
6.027
103.3
0.067
48.4
0.509
−34.9
600
0.417
−149.1
4.341
90.3
0.077
51.9
0.441
−35.2
800
0.404
−167.3
3.381
81.2
0.090
56.9
0.412
−36.0
1000
0.402
178.1
2.798
73.3
0.104
62.0
0.398
−37.7
1200
0.412
166.6
2.393
66.7
0.122
66.4
0.390
−40.3
1400
0.427
156.6
2.108
60.4
0.145
69.1
0.385
−44.3
1600
0.440
147.3
1.881
54.8
0.170
69.8
0.376
−48.8
1800
0.455
140.0
1.713
49.4
0.194
70.2
0.373
−54.3
2000
0.482
132.6
1.586
44.6
0.223
71.3
0.367
−60.0
VCE = 10 V, IC = 20 mA
Frequency
S11
S21
S12
S22
(MHz)
Mag.
Ang.
Mag.
Ang.
Mag.
Ang.
Mag.
Ang.
200
0.340
−122.7
15.443
107.4
0.034
62.7
0.415
−40.5
400
0.299
−158.7
8.266
92.4
0.056
69.3
0.293
−34.2
600
0.293
−178.0
5.664
84.0
0.080
71.7
0.265
−30.4
800
0.294
169.0
4.334
77.3
0.104
72.1
0.255
−29.9
1000
0.299
157.9
3.528
71.2
0.129
72.0
0.252
−30.6
1200
0.310
149.5
3.002
66.0
0.155
71.4
0.254
−32.5
1400
0.321
142.0
2.629
61.0
0.183
69.7
0.255
−36.1
1600
0.332
134.9
2.336
56.3
0.209
67.6
0.248
−40.6
1800
0.341
129.5
2.121
51.7
0.234
65.6
0.242
−45.9
2000
0.366
124.3
1.958
47.3
0.260
64.6
0.236
−51.7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com