Electronic Components Datasheet Search
  English  ▼

X  

2SC5110 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 2SC5110
Description  Silicon NPN Epitaxial Planar Type For VCO Application
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC5110 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  2SC5110 Datasheet HTML 1Page - Toshiba Semiconductor 2SC5110 Datasheet HTML 2Page - Toshiba Semiconductor 2SC5110 Datasheet HTML 3Page - Toshiba Semiconductor 2SC5110 Datasheet HTML 4Page - Toshiba Semiconductor 2SC5110 Datasheet HTML 5Page - Toshiba Semiconductor 2SC5110 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
2SC5110
2007-11-01
1
TOSHIBA Transistor Silicon NPN Epitaxial Planar Type
2SC5110
For VCO Application
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Collector-base voltage
VCBO
20
V
Collector-emitter voltage
VCEO
10
V
Emitter-base voltage
VEBO
3
V
Base current
IB
30
mA
Collector current
IC
60
mA
Collector power dissipation
PC
100
mW
Junction temperature
Tj
125
°C
Storage temperature range
Tstg
−55~125
°C
Note:
Using continuously under heavy loads (e.g. the application of
high temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the
reliability significantly even if the operating conditions (i.e.
operating temperature/current/voltage, etc.) are within the
absolute maximum ratings.
Please design the appropriate reliability upon reviewing the
Toshiba Semiconductor Reliability Handbook (“Handling
Precautions”/“Derating Concept and Methods”) and individual
reliability data (i.e. reliability test report and estimated failure
rate, etc).
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Collector cut-off current
ICBO
VCB = 10 V, IE = 0
⎯
⎯
0.1
μA
Emitter cut-off current
IEBO
VEB = 1 V, IC = 0
⎯
⎯
0.1
μA
DC current gain
hFE
(Note 1)
VCE = 5 V, IC = 5 mA
80
⎯
240
Transition frequency
fT
VCE = 5 V, IC = 5 mA
3
5
⎯
GHz
Insertion gain
⎪S21e⎪
2
VCE = 5 V, IC = 5 mA, f = 1 GHz
6
10
⎯
dB
Output capacitance
Cob
⎯
0.9
⎯
pF
Reverse transfer capacitance
Cre
VCB = 5 V, IE = 0, f = 1 MHz
(Note 2)
⎯
0.7
1.1
pF
Collector-base time constant
Cc・rbb’
VCB = 5 V, IC = 3 mA, f = 30 MHz
⎯
6
11
ps
Note 1: hFE classification O: 80~160, Y: 120~240
Note 2: Cre is measured by 3 terminal method with capacitance bridge.
Unit: mm
JEDEC
―
JEITA
SC-70
TOSHIBA
2-2E1A
Weight: 0.006 g (typ.)


Similar Part No. - 2SC5110

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC5110 TOSHIBA-2SC5110 Datasheet
237Kb / 4P
NPN EPITAXIAL PLANAR TYPE (FOR VCO APPLICATION)
28-Oct-1998
2SC5110 TOSHIBA-2SC5110 Datasheet
1Mb / 73P
Bipolar Small-Signal Transistors
More results

Similar Description - 2SC5110

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC5106 TOSHIBA-2SC5106 Datasheet
236Kb / 4P
NPN EPITAXIAL PLANAR TYPE (FOR VCO APPLICATION)
2SC5107 TOSHIBA-2SC5107 Datasheet
235Kb / 4P
NPN EPITAXIAL PLANAR TYPE (FOR VCO APPLICATION)
28-Oct-1998
2SC5108FT TOSHIBA-2SC5108FT Datasheet
73Kb / 1P
NPN EPITAXIAL PLANAR TYPE (FOR VCO APPLICATION)
04-Aug-1998
2SC5109 TOSHIBA-2SC5109 Datasheet
246Kb / 4P
NPN EPITAXIAL PLANAR TYPE (FOR VCO APPLICATION)
28-Oct-1998
2SC5110 TOSHIBA-2SC5110 Datasheet
237Kb / 4P
NPN EPITAXIAL PLANAR TYPE (FOR VCO APPLICATION)
28-Oct-1998
2SC5111 TOSHIBA-2SC5111 Datasheet
237Kb / 4P
NPN EPITAXIAL PLANAR TYPE (FOR VCO APPLICATION)
28-Oct-1998
2SC5111FT TOSHIBA-2SC5111FT Datasheet
73Kb / 1P
NPN EPITAXIAL PLANAR TYPE (FOR VCO APPLICATION)
04-Aug-1998
logo
Panasonic Semiconductor
MA26V07 PANASONIC-MA26V07 Datasheet
72Kb / 3P
Silicon epitaxial planar type For VCO
logo
Toshiba Semiconductor
2SC5108 TOSHIBA-2SC5108_07 Datasheet
657Kb / 6P
Silicon NPN Epitaxial Planar Type For VCO Application
01-Nov-2007
2SC5108FT TOSHIBA-2SC5108FT_07 Datasheet
120Kb / 2P
Silicon NPN Epitaxial Planar Type For VCO Application
01-Nov-2007
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com