Electronic Components Datasheet Search
  English  ▼

X  

CS547A Datasheet(PDF) 1 Page - Campbell Scientific United Kingdom

Part # CS547A
Description  For measurement of electrical conductivity, dissolved solids and temperature in fresh water
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CAMPBELL [Campbell Scientific United Kingdom]
Direct Link  https://www.campbellsci.co.uk/
Logo CAMPBELL - Campbell Scientific United Kingdom

CS547A Datasheet(HTML) 1 Page - Campbell Scientific United Kingdom

  CS547A Datasheet HTML 1Page - Campbell Scientific United Kingdom CS547A Datasheet HTML 2Page - Campbell Scientific United Kingdom  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Campbell Scientific Ltd., Campbell Park, 80 Hathern Road, Shepshed, Leicestershire,LE129RP,UK
Tel: +44 (0) 1509 601141 Fax: +44 (0) 1509 601091 Email: sales@campbellsci.co.uk
www.campbellsci.co.uk
CS547A Conductivity and
Temperature Probe
For measurement of electrical conductivity, dissolved solids
and temperature in fresh water
Description
The Campbell Scientific CS547A
probe with the A547 Interface
measures the electrical conductivity
(EC) and temperature of water. EC
is measured by three passivated
cylindrical electrodes isolated from
DC with capacitors. Temperature is
sensed with a thermistor.
The CS547A is easy to clean and
resistant to corrosion. It has
rounded ends to facilitate installation
and removal.
Dissolved solids can be estimated
from conductivity measurements
using empirical conversion factors.
For ground water applications, an
optional weight and a split mesh
cable grip are recommended for
cables over 30m.
For correct operation there must be
a flow of water through the sensor
body.
The A547 Interface contains the
required completion resistors and
CS547A
Standard probe;
please specify
cable length.*
A547
Interface containing
completion resistors for use
with the CS547.
A weight and split mesh strain relief
sleeve are available as options.
*In all cases, please specify the cable
length required in metres (maximum
300).
Ordering Information
July 2009
Key Features
On-line calculation of
electrical conductivity
Direct connection to
datalogger
Cable length up to
300m
Can be used with
multiplexers
Typical
Applications
Calculation of stream
discharge rate
Water quality
monitoring
Tracking of water-borne
pollutants in aquifers
CS547A Probe
CSL 424
blocking capacitors – the probe can
be used with a AM16/32B
multiplexer and one A547.
Compatibility
The output of the CS547A can be
measured by all current Campbell
Scientific dataloggers (except the
CR200 series). The conductivity and
temperature measurements require
a differential and single-ended input,
respectively. Two separate excitation
channels are also needed.
A547 Interface


Similar Part No. - CS547A

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5471 CIRRUS-CS5471 Datasheet
356Kb / 14P
DUAL CHANNEL DELTA SIGMA ANALOG TO DIGITAL CONVERTER
CS5471-BS CIRRUS-CS5471-BS Datasheet
356Kb / 14P
DUAL CHANNEL DELTA SIGMA ANALOG TO DIGITAL CONVERTER
More results

Similar Description - CS547A

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
9500A SCHNEIDER-9500A Datasheet
115Kb / 2P
Reliable flanged magnetic flow tube for water and wastewater measurement
Apr 25, 2022
logo
Greystone Energy System...
WLD2C GREYSTONE-WLD2C Datasheet
1Mb / 2P
WATER DETECTOR, DUAL CHANNEL, CONDUCTIVITY CABLE
WLDC GREYSTONE-WLDC Datasheet
1Mb / 2P
WATER DETECTOR, CONDUCTIVITY CABLE
logo
Endress+Hauser Group Se...
CPF201 EH-CPF201 Datasheet
1Mb / 8P
Compact electrode for pH measurement in pure and ultrapure water
06.03
CLD132 EH-CLD132 Datasheet
910Kb / 20P
Measuring system with inductive sensor for conductivity and concentration measurement in the food industry
CLD18 EH-CLD18 Datasheet
818Kb / 16P
Compact inductive conductivity measurement for the food and beverage industry
2021-06-30
CLM223 EH-CLM223 Datasheet
869Kb / 20P
Conductivity/resistivity measurement
CLS12 EH-CLS12 Datasheet
826Kb / 8P
Conductivity sensor for high-temperature applications
2021-10-31
CLS52 EH-CLS52 Datasheet
618Kb / 16P
Inductive conductivity sensor with fast temperature measurement and hygienic design
CLY421 EH-CLY421 Datasheet
845Kb / 12P
Conductivity calibration kit for ultrapure water applications
2022-09-29
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com