Electronic Components Datasheet Search
  English  ▼

X  

SI-111 Datasheet(PDF) 2 Page - Campbell Scientific United Kingdom

Part # SI-111
Description  Precision Infrared Radiometer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CAMPBELL [Campbell Scientific United Kingdom]
Direct Link  https://www.campbellsci.co.uk/
Logo CAMPBELL - Campbell Scientific United Kingdom

SI-111 Datasheet(HTML) 2 Page - Campbell Scientific United Kingdom

  SI-111 Datasheet HTML 1Page - Campbell Scientific United Kingdom SI-111 Datasheet HTML 2Page - Campbell Scientific United Kingdom  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
815 W. 1800 N.
|
Logan, Utah
|
84321-1784
|
USA
|
(435) 753-2342
|
www.campbellsci.com
Australia | Brazil | Canada | England | France | Germany | South Africa | Spain | USA [headquarters]
Ordering Information
Model
Description
SI-111
Precision Infrared Radiometer with 15-ft cable
SI-111-PW
Precision Infrared Radiometer with 15-ft
cable and connector for attaching sensor to
a prewired enclosure.
Mounting Hardware
CM220
Right Angle Mount
CM230
Adjustable Angle Mounting Kit that allows
the SI-111 to be pointed at the surface of
interest
CM202
Two-foot crossarm that attaches the CM220
or CM230 to a tripod or tower
CM204
Four-foot crossarm that attaches the CM220
or CM230 to a tripod or tower
CM206
Six-foot crossarm that attaches the CM220 or
CM230 to a tripod or tower
CM210 Bracket
Aluminum Pipe
The CM202 (shown), CM204, and CM206 crossarms consist
of a 1” IPS anodized aluminum pipe and a CM210 bracket
that attaches to the tripod or tower.
Specifications
Datalogger Channels:
one differential (thermopile) and one single-ended
(thermistor); please note that our CR200-series
dataloggers are not compatible.
Input Power:
2.5 V excitation for thermistor
Absolute Accuracy:
±0.2°C @ -10° to +65°C; ±0.5°C @ -40° to +70°C
Uniformity:
±0.1°C @ -10° to +65°C; ±0.3°C @ -40° to +70°C
Repeatability:
±0.05°C @ -10° to +65°C; ±0.1°C @ -40° to +70°C
Response Time:
<1 s to changes in target temperature
Target Temperature Output Signal:
60 μV per °C difference from sensor body
Body Temperature Output Signal:
0 to 2500 mV
Optics:
Germanium lens
Wavelength Range:
8 to 14 μm (corresponds to atmospheric window)
Field of View (FOV):
22° half angle. The FOV is reported as the half-angle
of the apex of the cone formed by the target (cone
base) and the detector (cone apex). The target is a
circle from which 98% of the radiation viewed by the
detector is being emitted.
Operating Range: -55° to +80°C; 0 to 100% RH
Cable Description:
15’ (4.5 m) twisted, shielded 4-conductor wire
with Santoprene casing, ending in pigtails.
Dimensions:
0.9” (2.3 cm) diameter, 2.4” (6 cm) length
Weight:
6.7 oz. (190 g)
SI-111
Half Angle
Target Distance
↓
↕
↗
↘
Copyright © 2006, 2009
Campbell Scientific, Inc.
Printed April 2009



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com