Electronic Components Datasheet Search
  English  ▼

X  

2SC5353 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 2SC5353
Description  Silicon NPN Triple Diffused Type (PCT process) Switching Regulator and High Voltage Switching Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC5353 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  2SC5353 Datasheet HTML 1Page - Toshiba Semiconductor 2SC5353 Datasheet HTML 2Page - Toshiba Semiconductor 2SC5353 Datasheet HTML 3Page - Toshiba Semiconductor 2SC5353 Datasheet HTML 4Page - Toshiba Semiconductor 2SC5353 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2SC5353
2006-11-10
1
TOSHIBA Transistor Silicon NPN Triple Diffused Type (PCT process)
2SC5353
Switching Regulator and High Voltage Switching
Applications
High-Speed DC-DC Converter Applications
• Excellent switching times: tr = 0.7 μs (max), tf = 0.5 μs (max)
• High collectors breakdown voltage: VCEO = 800 V
Absolute Maximum Ratings (Tc = 25°C)
Characteristics
Symbol
Rating
Unit
Collector-base voltage
VCBO
900
V
Collector-emitter voltage
VCEO
800
V
Emitter-base voltage
VEBO
7
V
DC
IC
3
Collector current
Pulse
ICP
5
A
Base current
IB
1
A
Ta = 25°C
2.0
Collector power
dissipation
Tc = 25°C
PC
25
W
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
−55 to 150
°C
Note: Using continuously under heavy loads (e.g. the application of high
temperature/current/voltage and the significant change in temperature, etc.) may cause this product to
decrease in the reliability significantly even if the operating conditions (i.e. operating
temperature/current/voltage, etc.) are within the absolute maximum ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/Derating Concept and Methods) and individual reliability data (i.e. reliability test report
and estimated failure rate, etc).
Unit: mm
JEDEC
―
JEITA
SC-67
TOSHIBA
2-10R1A
Weight: 1.7 g (typ.)


Similar Part No. - 2SC5353

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC5353 TOSHIBA-2SC5353 Datasheet
190Kb / 4P
NPN TRIPLE DIFFUSED TYPE (SWITCHING REGULATOR AND HIGH VOLTAGE SWITCHING, HIGH SPEED DC-DC CONVERTER APPLICATIONS)
05-Nov-1997
logo
Unisonic Technologies
2SC5353 UTC-2SC5353 Datasheet
109Kb / 4P
HIGH VOLTAGE NPN TRANSISTOR
2SC5353 UTC-2SC5353 Datasheet
266Kb / 4P
HIGH VOLTAGE NPN TRANSISTOR
2SC5353 UTC-2SC5353 Datasheet
266Kb / 4P
HIGH VOLTAGE NPN TRANSISTOR
logo
Inchange Semiconductor ...
2SC5353 ISC-2SC5353 Datasheet
176Kb / 2P
Collector?밇mitter Sustaining Voltage: VCEO(SUS) = 800V(Min.)
More results

Similar Description - 2SC5353

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC3075 TOSHIBA-2SC3075_06 Datasheet
170Kb / 5P
Silicon NPN Triple Diffused Type (PCT process) Switching Regulator and High Voltage Switching
09-Nov-2006
2SC3405 TOSHIBA-2SC3405_06 Datasheet
184Kb / 5P
Silicon NPN Triple Diffused Type Switching Regulator and High Voltage Switching Applications
09-Nov-2006
2SC3619 TOSHIBA-2SC3619_06 Datasheet
129Kb / 5P
Silicon NPN Triple Diffused Type (PCT Process) High-Voltage Switching and Amplifier Applications
2SB1018A TOSHIBA-2SB1018A_06 Datasheet
170Kb / 5P
Silicon NPN Triple Diffused Type (PCT Process)
2SC5075 TOSHIBA-2SC5075_06 Datasheet
136Kb / 5P
Silicon NPN Triple Diffused Type Switching Regulator and High-Voltage Switching Applications
2SC5172 TOSHIBA-2SC5172_06 Datasheet
143Kb / 5P
Silicon NPN Triple Diffused Type (PCT process) Switching Regulator and High-Voltage Switching Applications
10-Nov-2006
2SC5266A TOSHIBA-2SC5266A_06 Datasheet
129Kb / 4P
Silicon NPN Triple Diffused Type Switching Regulator Applications
2SC5352 TOSHIBA-2SC5352_06 Datasheet
131Kb / 4P
Silicon NPN Triple Diffused Type Switching Regulator and High-Voltage Switching Applications
2SC5930 TOSHIBA-2SC5930 Datasheet
142Kb / 5P
Silicon NPN Triple Diffused Type (PCT Process) High-Speed and High-Voltage Switching Applications
13-Nov-2006
2SC2230A TOSHIBA-2SC2230A Datasheet
133Kb / 5P
Silicon NPN Triple Diffused Type (PCT Process)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com