Electronic Components Datasheet Search
  English  ▼

X  

1SS385F Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 1SS385F
Description  High Speed Switching
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

1SS385F Datasheet(HTML) 1 Page - Toshiba Semiconductor

  1SS385F Datasheet HTML 1Page - Toshiba Semiconductor 1SS385F Datasheet HTML 2Page - Toshiba Semiconductor 1SS385F Datasheet HTML 3Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1SS385F
2007-11-01
1
TOSHIBA Diode Silicon Epitaxial Schottky Barrier Type
1SS385F
High Speed Switching
Low forward voltage: VF = 0.23V (typ.) @IF = 5mA
Ultra-small package
Absolute Maximum Ratings (Ta = 25°C)
Characteristic
Symbol
Rating
Unit
Maximum (peak) reverse Voltage
VRM
15
V
Reverse voltage
VR
10
V
Maximum (peak) forward current
IFM
200 (*)
mA
Average forward current
IO
100 (*)
mA
Surge current (10ms)
IFSM
1 (*)
A
Power dissipation
P
100 (*)
mW
Junction temperature
Tj
125
°C
Storage temperature range
Tstg
−55~125
°C
Operating temperature range
Topr
−40~100
°C
Note: Using continuously under heavy loads (e.g. the application of high
temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the
reliability significantly even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are
within the absolute maximum ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
*:
Unit rating. Total rating = unit rating × 1.5
Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test
Circuit
Test Condition
Min.
Typ.
Max.
Unit
VF (1)
―
IF = 1mA
―
0.18
―
V
VF (2)
―
IF = 5mA
―
0.23
0.30
V
Forward voltage
VF (3)
―
IF = 100mA
―
0.35
0.50
V
Reverse current
IR
―
VR = 10V
―
―
20
μA
Total capacitance
CT
―
VR = 0, f = 1MHz
―
20
40
pF
Equivalent Circuit (Top View)
Marking
JEDEC
―
EIAJ
―
TOSHIBA
―
Weight: 2.3 g
Unit: mm


Similar Part No. - 1SS385F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
1SS385F TOSHIBA-1SS385F Datasheet
109Kb / 2P
DIODE (HIGH SPEED SWITCHING)
17-Feb-1999
1SS385FV TOSHIBA-1SS385FV Datasheet
210Kb / 3P
High-Speed Switching Applications
1SS385FV TOSHIBA-1SS385FV_14 Datasheet
238Kb / 3P
TOSHIBA Diode Silicon Epitaxial Schottky Barrier Type
More results

Similar Description - 1SS385F

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SGF40N60 FAIRCHILD-SGF40N60 Datasheet
357Kb / 8P
High Speed Switching
logo
KEC(Korea Electronics)
KDR552F KEC-KDR552F Datasheet
28Kb / 2P
HIGH SPEED SWITCHING
KGT15N120NDS KEC-KGT15N120NDS Datasheet
1Mb / 7P
High speed switching
logo
Toshiba Semiconductor
CES520 TOSHIBA-CES520 Datasheet
124Kb / 5P
High-Speed Switching
CUS08F30 TOSHIBA-CUS08F30 Datasheet
127Kb / 5P
High-Speed Switching
logo
Fairchild Semiconductor
FGAF40N60UFTU FAIRCHILD-FGAF40N60UFTU Datasheet
288Kb / 7P
High Speed Switching
FGL40N120ANTU FAIRCHILD-FGL40N120ANTU Datasheet
543Kb / 7P
High speed switching
logo
Advanced Power Electron...
AP30G100W A-POWER-AP30G100W_14 Datasheet
220Kb / 4P
High speed switching
AP30G120BSW-HF A-POWER-AP30G120BSW-HF_14 Datasheet
104Kb / 4P
High Speed Switching
AP30G120SW A-POWER-AP30G120SW_14 Datasheet
93Kb / 3P
High Speed Switching
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com