Electronic Components Datasheet Search
  English  ▼

X  

2SK366 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 2SK366
Description  Silicon N Channel Junction Type For Audio Amplifier, Analog-Switch, Constant Current and Impedance Converter Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SK366 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  2SK366 Datasheet HTML 1Page - Toshiba Semiconductor 2SK366 Datasheet HTML 2Page - Toshiba Semiconductor 2SK366 Datasheet HTML 3Page - Toshiba Semiconductor 2SK366 Datasheet HTML 4Page - Toshiba Semiconductor 2SK366 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2SK366
2007-11-01
1
TOSHIBA Effect Transistor Silicon N Channel Junction Type
2SK366
For Audio Amplifier, Analog-Switch, Constant Current
and Impedance Converter Applications
• High voltage: VGDS = −40 V
• High input impedance: IGSS = −1.0 nA (max) (VGS = −30 V)
• Low RDS (ON): RDS (ON) = 50 Ω (typ.) (IDSS = 5 mA)
• Small package
• Complementary to 2SJ107
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Gate-drain voltage
VGDS
−40
V
Gate current
IG
10
mA
Drain power dissipation
PD
200
mW
Junction temperature
Tj
125
°C
Storage temperature range
Tstg
−55~125
°C
Note:
Using continuously under heavy loads (e.g. the application of
high temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the
reliability significantly even if the operating conditions (i.e.
operating temperature/current/voltage, etc.) are within the
absolute maximum ratings.
Please design the appropriate reliability upon reviewing the
Toshiba Semiconductor Reliability Handbook (“Handling Precautions”/“Derating Concept and Methods”) and
individual reliability data (i.e. reliability test report and estimated failure rate, etc).
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Gate cut-off current
IGSS
VGS = −30 V, VDS = 0
⎯
⎯
−1.0
nA
Gate-drain breakdown voltage
V (BR) GDS
VDS = 0, IC = −100 μA
−40
⎯
⎯
V
Drain current
IDSS
(Note 1)
VDS = 10 V, VGS = 0
2.6
⎯
20
mA
Gate-source cut-off voltage
VGS (OFF)
VDS = 10 V, ID = 0.1 μA
−0.2
⎯
−1.5
V
Forward transfer admittance
⎪Yfs⎪
VDS = 10 V, VGS = 0, f = 1 kHz (Note 2)
12
28
⎯
mS
Input capacitance
Ciss
VDS = 10 V, VGS = 0, f = 1 MHz
⎯
30
⎯
pF
Reverse transfer capacitance
Crss
VDG = 10 V, ID = 0, f = 1 MHz
⎯
6
⎯
pF
Drain-source ON resistance
RDS (ON)
VDS = 10 mV, VGS = 0
(Note 2)
⎯
50
⎯
Ω
Note 1: IDSS classification GR: 2.6~6.5 mA, BL: 6~12 mA, V: 10~20 mA
Note 2: Condition of the typical value IDSS = 5 mA
Unit: mm
JEDEC
―
JEITA
―
TOSHIBA
2-4E1C
Weight: 0.13 g (typ.)


Similar Part No. - 2SK366

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK366 TOSHIBA-2SK366 Datasheet
217Kb / 4P
N CHANNEL JUNCTION TYPE (FOR AUDIO AMPLIFIER, ANALOG SWITCH, CONSTANT CURRENT AND IMPEDANCE CONVERTER APPLICATIONS)
10-Apr-1997
2SK366 TOSHIBA-2SK366 Datasheet
134Kb / 1P
MINI PACKAGE SERIES
2SK3662 TOSHIBA-2SK3662 Datasheet
223Kb / 6P
Switching Regulator, DC-DC Converter, Motor Drive Applications
16-Jan-2003
2SK3662 TOSHIBA-2SK3662 Datasheet
188Kb / 6P
Silicon N Channel MOS Type Switching Regulator, DC−DC Converter, Motor Drive
2SK3662 TOSHIBA-2SK3662 Datasheet
203Kb / 6P
Switching Regulator, DC−DC Converter, Motor Drive Applications
More results

Similar Description - 2SK366

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK364 TOSHIBA-2SK364 Datasheet
218Kb / 4P
N CHANNEL JUNCTION TYPE (FOR AUDIO AMPLIFIER, ANALOG SWITCH, CONSTANT CURRENT AND IMPEDANCE CONVERTER APPLICATIONS)
10-Apr-1997
2SK365 TOSHIBA-2SK365 Datasheet
223Kb / 4P
N CHANNEL JUNCTION TYPE (FOR AUDIO AMPLIFIER, ANALOG SWITCH, CONSTANT CURRENT AND IMPEDANCE CONVERTER APPLICATIONS)
10-Apr-1997
2SK366 TOSHIBA-2SK366 Datasheet
217Kb / 4P
N CHANNEL JUNCTION TYPE (FOR AUDIO AMPLIFIER, ANALOG SWITCH, CONSTANT CURRENT AND IMPEDANCE CONVERTER APPLICATIONS)
10-Apr-1997
2SK372 TOSHIBA-2SK372 Datasheet
225Kb / 4P
N CHANNEL JUNCTION TYPE (FOR AUDIO AMPLIFIER, ANALOG SWITCH, CONSTANT CURRENT AND IMPEDANCE CONVERTER APPLICATIONS)
10-Apr-1997
2SK372 TOSHIBA-2SK372_07 Datasheet
696Kb / 5P
Silicon N Channel Junction Type For Audio Amplifier, Analog-Switch, Constant-Current and Impedance Converter Applications
2SK330 TOSHIBA-2SK330_07 Datasheet
655Kb / 5P
Silicon N Channel Junction Type For Audio Amplifier, Analog Switch, Constant Current and Impedance Converter Applications
2SK362 TOSHIBA-2SK362_07 Datasheet
669Kb / 5P
Silicon N Channel Junction Type For Audio Amplifier, Analog Switch, Constant Current and Impedance Converter Applications
2SK363 TOSHIBA-2SK363_07 Datasheet
693Kb / 5P
Silicon N Channel Junction Type For Audio Amplifier, Analog Switch, Constant Current and Impedance Converter Applications
2SK364 TOSHIBA-2SK364_07 Datasheet
655Kb / 5P
Silicon N Channel Junction Type For Audio Amplifier, Analog Switch, Constant Current and Impedance Converter Applications
2SK365 TOSHIBA-2SK365_07 Datasheet
679Kb / 5P
Silicon N Channel Junction Type For Audio Amplifier, Analog-Switch, Constant Current and Impedance Converter Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com