Electronic Components Datasheet Search
  English  ▼

X  

1SS398 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 1SS398
Description  High Voltage, High Speed Switching Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

1SS398 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  1SS398 Datasheet HTML 1Page - Toshiba Semiconductor 1SS398 Datasheet HTML 2Page - Toshiba Semiconductor 1SS398 Datasheet HTML 3Page - Toshiba Semiconductor 1SS398 Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1SS398
2007-11-01
1
TOSHIBA Diode Silicon Epitaxial Planar Diode
1SS398
High Voltage, High Speed Switching Applications
Low forward voltage
: VF = 1.0V (typ.)
High voltage
: VR = 400V (min)
Fast reverse recovery time: trr = 0.5μs (typ.)
Small total capacitance
: CT = 2.5pF (typ.)
Small package
: SC-59
Absolute Maximum Ratings (Ta = 25°C)
Characteristic
Symbol
Rating
Unit
Maximum (peak) reverse Voltage
VRM
420
V
Reverse voltage
VR
400
V
Maximum (peak) forward current
IFM
300 *
mA
Average forward current
IO
100 *
mA
Surge current (10ms)
IFSM
2 *
A
Power dissipation
P
150
mW
Junction temperature
Tj
125
°C
Storage temperature range
Tstg
−55~125
°C
Note: Using continuously under heavy loads (e.g. the application of high
temperature/current/voltage and the significant change in temperature, etc.) may cause this product to
decrease in the reliability significantly even if the operating conditions (i.e. operating
temperature/current/voltage, etc.) are within the absolute maximum ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
* : Unit rating. Total rating = unit rating × 0.7
Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
VF (1)
―
IF = 10mA
―
0.8
―
Forward voltage
VF (2)
―
IF = 100mA
―
1.0
1.3
V
IR (1)
―
VR = 300V
―
―
0.1
Reverse current
IR (2)
―
VR = 400V
―
―
1.0
μA
Total capacitance
CT
―
VR = 0, f = 1MHz
―
2.5
5.0
pF
Reverse recovery time
trr
―
IF = 10mA
(Fig.1)
―
0.5
―
μs
JEDEC
TO-236MOD
EIAJ
SC-59
TOSHIBA
1-3G1G
Weight: 0.012g
Unit: mm


Similar Part No. - 1SS398

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
1SS398 TOSHIBA-1SS398 Datasheet
149Kb / 2P
DIODE (HIGH VOLTAGE, HIGH SPEED SWITCHING APPLICATIONS)
07-May-1997
logo
Chenmko Enterprise Co. ...
1SS398PT CHENMKO-1SS398PT Datasheet
88Kb / 2P
SWITCHING DIODE VOLTAGE 400 Volts CURRENT 100 mAmpere
logo
Toshiba Semiconductor
1SS398 TOSHIBA-1SS398_15 Datasheet
451Kb / 4P
TOSHIBA Diode Silicon Epitaxial Planar Diode
More results

Similar Description - 1SS398

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SK1412 SANYO-2SK1412 Datasheet
96Kb / 3P
High-Voltage High-Speed Switching Applications
2SK1413 SANYO-2SK1413 Datasheet
81Kb / 3P
High-Voltage High-Speed Switching Applications
2SK3748 SANYO-2SK3748 Datasheet
46Kb / 4P
High-Voltage, High-Speed Switching Applications
logo
Toshiba Semiconductor
1SS306 TOSHIBA-1SS306_07 Datasheet
223Kb / 3P
High Voltage, High Speed Switching Applications
1SS311 TOSHIBA-1SS311_07 Datasheet
193Kb / 3P
High Voltage,High Speed Switching Applications
1SS370 TOSHIBA-1SS370_07 Datasheet
207Kb / 3P
High Voltage, High Speed Switching Applications
01-Nov-2007
1SS399 TOSHIBA-1SS399_07 Datasheet
254Kb / 4P
High Voltage, High Speed Switching Applications
logo
Pan Jit International I...
1SS397 PANJIT-1SS397 Datasheet
202Kb / 4P
HIGH VOLTAGE, HIGH SPEED SWITCHING APPLICATIONS
logo
Sanyo Semicon Device
2SK3746 SANYO-2SK3746_12 Datasheet
497Kb / 7P
High-Voltage, High-Speed Switching Applications
2SK3747 SANYO-2SK3747_12 Datasheet
107Kb / 7P
High-Voltage, High-Speed Switching Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com