Electronic Components Datasheet Search
  English  ▼

X  

1SS401 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 1SS401
Description  High Speed Switching Applications
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

1SS401 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  1SS401 Datasheet HTML 1Page - Toshiba Semiconductor 1SS401 Datasheet HTML 2Page - Toshiba Semiconductor 1SS401 Datasheet HTML 3Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1SS401
2007-11-01
1
TOSHIBA Diode Silicon Epitaxial Schottky Barrier Type
1SS401
High Speed Switching Applications
Low forward voltage
: VF (3) = 0.38 V (typ.)
Low reverse current
: IR = 50μA (max)
Small total capacitance
: CT = 46 pF (typ.)
Absolute Maximum Ratings (Ta = 25°C)
Characteristic
Symbol
Rating
Unit
Maximum (peak) reverse voltage
VRM
25
V
Reverse voltage
VR
20
V
Maximum (peak) forward current
IFM
700
mA
Average forward current
IO
300
mA
Power dissipation
P
100
mW
Junction temperature
Tj
125
°C
Storage temperature range
Tstg
−55~125
°C
Operating temperature range
Topr
−40~100
°C
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
VF (1)
―
IF = 1mA
―
0.16
―
VF (2)
―
IF = 10mA
―
0.22
―
Forward voltage
VF (3)
―
IF = 300mA
―
0.38
0.45
V
Reverse current
IR
―
VR = 20V
―
―
50
μA
Total capacitance
CT
―
VR = 0, f = 1MHz
―
46
―
pF
Pin Assignment (Top View)
Marking
JEDEC
―
JEITA
SC-70
TOSHIBA
1-2P1D
Weigh: 0.006 g(typ.)
Unit in mm


Similar Part No. - 1SS401

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
1SS401 TOSHIBA-1SS401 Datasheet
107Kb / 2P
DIODE (HIGH SPEED SWITCHING APPLICATIONS)
logo
Galaxy Semi-Conductor H...
1SS401 BILIN-1SS401 Datasheet
111Kb / 2P
Schottky Barrier Diode
Rev.A
logo
Guangdong Kexin Industr...
1SS401 KEXIN-1SS401 Datasheet
43Kb / 1P
HIGH SPEED SWITCHING APPLICATIONS
logo
Shenzhen Jin Yu Semicon...
1SS401 HTSEMI-1SS401 Datasheet
299Kb / 2P
Schottoky DIODES
logo
Shenzhen Luguang Electr...
1SS401 LUGUANG-1SS401 Datasheet
257Kb / 2P
Schottoky Diode
More results

Similar Description - 1SS401

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM6N16FE TOSHIBA-SSM6N16FE Datasheet
143Kb / 5P
High Speed Switching Applications Analog Switching Applications
SSM3K16FU TOSHIBA-SSM3K16FU Datasheet
137Kb / 5P
High Speed Switching Applications Analog Switching Applications
2SJ344 TOSHIBA-2SJ344_07 Datasheet
580Kb / 5P
High Speed Switching Applications
2SJ346 TOSHIBA-2SJ346_07 Datasheet
568Kb / 5P
High Speed Switching Applications
1SS419 TOSHIBA-1SS419 Datasheet
122Kb / 3P
High-Speed Switching Applications
SSM3K04FV TOSHIBA-SSM3K04FV Datasheet
527Kb / 5P
High Speed Switching Applications
SSM3K15FU TOSHIBA-SSM3K15FU_07 Datasheet
202Kb / 5P
High Speed Switching Applications
logo
Guangdong Kexin Industr...
2SC4522 KEXIN-2SC4522 Datasheet
45Kb / 2P
High-Speed Switching Applications
logo
Toshiba Semiconductor
SSM6N44FE TOSHIBA-SSM6N44FE Datasheet
154Kb / 5P
High Speed Switching Applications Analog Switching Applications
SSM6N37FE TOSHIBA-SSM6N37FE Datasheet
197Kb / 5P
High-Speed Switching Applications Analog Switching Applications
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com