Electronic Components Datasheet Search
  English  ▼

X  

1SS404 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 1SS404
Description  Silicon Epitaxial Schottky Barrier Type
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

1SS404 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  1SS404 Datasheet HTML 1Page - Toshiba Semiconductor 1SS404 Datasheet HTML 2Page - Toshiba Semiconductor 1SS404 Datasheet HTML 3Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1SS404
2007-11-01
1
TOSHIBA Diode Silicon Epitaxial Schottky Barrier Type
1SS404
High Speed Switching Applications
• Two-pin small packages are suitable for higher mounting densities
• Low forward voltage : VF (3) = 0.38 V (typ.)
• Low reverse current: IR = 50 μA (max)
• Small total capacitance: CT = 46 pF (typ.)
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Maximum (peak) reverse voltage
VRM
25
V
Reverse voltage
VR
20
V
Maximum (peak) forward current
IFM
700
mA
Average forward current
IO
300
mA
Power dissipation
P
200 (Note 1)
mW
Junction temperature
Tj
125
°C
Storage temperature range
Tstg
−55 ~ 125
°C
Operating temperature range
Topr
−40 ~ 100
°C
Note:
Using continuously under heavy loads (e.g. the application of
high temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the
reliability significantly even if the operating conditions (i.e.
operating temperature/current/voltage, etc.) are within the
absolute maximum ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Note 1: Mounted on a glass epoxy board of 20 mm
× 20 mm,
pad dimension 4 mm
× 4 mm.
Marking
Equivalent Circuit (top view)
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
VF (1)
IF = 1 mA
⎯
0.16
⎯
VF (2)
IF = 10 mA
⎯
0.22
⎯
Forward voltage
VF (3)
IF = 300 mA
⎯
0.38
0.45
V
Reverse current
IR
VR = 20 V
⎯
⎯
50
μA
Total capacitance
CT
VR = 0, f = 1 MHz
⎯
46
⎯
pF
Unit: mm
USC
JEDEC
―
JEITA
―
TOSHIBA
1-1E1A
Weight: 0.004 g (typ.)
S 5


Similar Part No. - 1SS404

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
1SS404 JIANGSU-1SS404 Datasheet
61Kb / 2P
High Speed SWITCHING Diodes
logo
Galaxy Semi-Conductor H...
1SS404 BILIN-1SS404 Datasheet
145Kb / 2P
Silicon Epitaxial Planar Diode
Rev.A
logo
Rectron Semiconductor
1SS404 RECTRON-1SS404 Datasheet
137Kb / 3P
HIGH SPEED SWITCHING DIODES
logo
Micro Commercial Compon...
1SS404 MCC-1SS404 Datasheet
162Kb / 2P
High Speed Switching Diode
logo
Shenzhen Luguang Electr...
1SS404 LUGUANG-1SS404 Datasheet
236Kb / 1P
Silicon Epitaxial Planar Diode
More results

Similar Description - 1SS404

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
DSF05S30CTB TOSHIBA-DSF05S30CTB Datasheet
178Kb / 3P
Diode Silicon Epitaxial Schottky Barrier Type
DSF05S30U TOSHIBA-DSF05S30U Datasheet
183Kb / 3P
Diode Silicon Epitaxial Schottky Barrier Type
DSF07S30U TOSHIBA-DSF07S30U Datasheet
186Kb / 3P
Diode Silicon Epitaxial Schottky Barrier Type
DSR05S30CTB TOSHIBA-DSR05S30CTB Datasheet
179Kb / 3P
Diode Silicon Epitaxial Schottky Barrier Type
DSR05S30U TOSHIBA-DSR05S30U Datasheet
184Kb / 3P
Diode Silicon Epitaxial Schottky Barrier Type
DSR07S30U TOSHIBA-DSR07S30U Datasheet
188Kb / 3P
Diode Silicon Epitaxial Schottky Barrier Type
logo
Pan Jit International I...
1SS388 PANJIT-1SS388 Datasheet
116Kb / 3P
SILICON EPITAXIAL SCHOTTKY BARRIER TYPE
1SS388 PANJIT-1SS388_16 Datasheet
175Kb / 5P
SILICON EPITAXIAL SCHOTTKY BARRIER TYPE
logo
Toshiba Semiconductor
JDH2S01T TOSHIBA-JDH2S01T Datasheet
70Kb / 2P
Diode Silicon Epitaxial Schottky Barrier Type
logo
Pan Jit International I...
1SS388 PANJIT-1SS388_V01 Datasheet
174Kb / 5P
SILICON EPITAXIAL SCHOTTKY BARRIER TYPE
May 31,2016REV.
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com