Electronic Components Datasheet Search
  English  ▼

X  

TD3021 Datasheet(PDF) 1 Page - Solid State Inc

Part # TD3021
Description  Random Phase Switching
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOLIDSTATE [Solid State Inc]
Direct Link  https://www.solidstateinc.com/
Logo SOLIDSTATE - Solid State Inc

TD3021 Datasheet(HTML) 1 Page - Solid State Inc

  TD3021 Datasheet HTML 1Page - Solid State Inc TD3021 Datasheet HTML 2Page - Solid State Inc TD3021 Datasheet HTML 3Page - Solid State Inc TD3021 Datasheet HTML 4Page - Solid State Inc TD3021 Datasheet HTML 5Page - Solid State Inc TD3021 Datasheet HTML 6Page - Solid State Inc TD3021 Datasheet HTML 7Page - Solid State Inc TD3021 Datasheet HTML 8Page - Solid State Inc TD3021 Datasheet HTML 9Page - Solid State Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
© 2013 Solid State Optronics • San José, CA
www.ssousa.com • +1.408.293.4600
TD3021 /H/S/TR
Rev 2.00 (11/12/2013)
001692
Page 1 of 9
TD3021
Random Phase Switching
400V
Triac Driver
Description
The TD3021 consists of a single input AlGaAs LED
optically coupled to a Random Phase triac driver chip. The
TD3021 provides high input-to-output isolation and is
designed to drive high-powered triacs.
Typical uses
include interfacing logic level control signals to equipment
powered from 110VAC lines and higher.
The TD3021 comes standard in a miniature 6 pin DIP
package making it ideal for high-density board applications.
Schematic Diagram
Agency Approvals
UL/C-UL:
File # E201932
VDE:
File # 40035191 (EN 60747-5-2)
Applications
Home Appliances
Motor / Drive Controls
Solid State Relays
Solenoid / Valve Controls
Temperature Controls
Dimmer Controls
Absolute Maximum Ratings
The values indicated are absolute stress ratings. Functional
operation of the device is not implied at these or any
conditions in excess of those defined in electrical
characteristics section of this document. Exposure to
absolute Maximum Ratings may cause permanent damage
to the device and may adversely affect reliability.
Storage Temperature …………………………..-55 to +125°C
Operating Temperature …….………...………-40 to +100°C
Continuous Input Current………………………………..50mA
Transient Input Current ………………….……………..400mA
Reverse Input Control Voltage …………..…………………5V
Input Power Dissipation…………………………………40mW
Output Power Dissipation ……………………………..330mW
Solder Temperature – Wave (10sec)……………….….260°C
Solder Temperature – IR Reflow (10sec)….…………..260°C
Ordering Information
Part Number
Description
TD3021
6 pin DIP, (60/Tube)
TD3021-H
0.40” (10.16mm) Lead Spacing (VDE0884)
TD3021-S
6 pin SMD, (60/Tube)
TD3021-STR
6 pin SMD, Tape and Reel (1000/Reel)
NOTE: Suffixes listed above are not included in marking on
device for part number identification
Features
Random Phase Switching
400V Blocking Voltage
Trigger Current (15mA MAX)
High Isolation Voltage (5000VRMS)
High dV/dt (1kV/
S MIN)
Long Life / High Reliability
RoHS / Pb-Free / REACH Compliant
1
2
5
6
(+) Input
(-) Input
Do Not Connect
(Triac Substrate)
+/- Load
TD3021
3
4
Do Not Connect
-/+ Load
Random
Phase
Circuit


Similar Part No. - TD3021

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
TD3021 SSOUSA-TD3021 Datasheet
396Kb / 9P
Random Phase Switching
More results

Similar Description - TD3021

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
TD3022 SSOUSA-TD3022 Datasheet
263Kb / 4P
Random-Phase Triac Driver
logo
List of Unclassifed Man...
Q301X ETC2-Q301X Datasheet
890Kb / 14P
RANDOM-PHASE TRIAC OPTOCOUPLER
Q301X ETC1-Q301X Datasheet
890Kb / 14P
RANDOM-PHASE TRIAC OPTOCOUPLER
logo
Solid State Optronic
TD3021 SSOUSA-TD3021 Datasheet
396Kb / 9P
Random Phase Switching
TD3023 SSOUSA-TD3023 Datasheet
581Kb / 5P
Random Phase Switching
TD3051 SSOUSA-TD3051 Datasheet
396Kb / 9P
Random Phase Switching
TD3053 SSOUSA-TD3053 Datasheet
396Kb / 9P
Random Phase Switching
TD3281 SSOUSA-TD3281 Datasheet
396Kb / 9P
Random Phase Switching
TD3282 SSOUSA-TD3282 Datasheet
396Kb / 9P
Random Phase Switching
TD3283 SSOUSA-TD3283 Datasheet
396Kb / 9P
Random Phase Switching
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com