Electronic Components Datasheet Search
  English  ▼

X  

1SS417 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # 1SS417
Description  High Speed Switching Application
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

1SS417 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  1SS417 Datasheet HTML 1Page - Toshiba Semiconductor 1SS417 Datasheet HTML 2Page - Toshiba Semiconductor 1SS417 Datasheet HTML 3Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
1SS417
2007-11-01
2
IF - VF
0.1
1
10
100
0
0.2
0.4
0.6
0.8
順電圧 VF (V)
-25
25
Ta=100°C
FORWORD VOLTAGE VF(V)
IR - VR
0
0
0
0
0
1
10
100
010
20
30
40
逆電圧 
VR  (V)
100u
10u
1u
100n
10n
1n
100p
10p
Ta=100°C
75
50
25
0
-25
REVERSE VOLTAGE VR(V)
CT - VR
0.1
1
10
100
010
20
30
40
REVERSE VOLTAGE VR(V)
Ta=25°C
f=1MHz
Mounted on a glass epoxy
circuit board of 20 x 20mm,
pad dimension 4 x 4mm.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com