Electronic Components Datasheet Search
  English  ▼

X  

2SJ105 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 2SJ105
Description  For Audio Amplifier, Analog Switch, Constant Current and Impedance Converter Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SJ105 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  2SJ105 Datasheet HTML 1Page - Toshiba Semiconductor 2SJ105 Datasheet HTML 2Page - Toshiba Semiconductor 2SJ105 Datasheet HTML 3Page - Toshiba Semiconductor 2SJ105 Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2SJ105
2007-11-01
1
TOSHIBA Field Effect Transistor Silicon P Channel Junction Type
2SJ105
For Audio Amplifier, Analog Switch, Constant Current
and Impedance Converter Applications
• High breakdown voltage: VGDS = 50 V
• High input impedance: IGSS = 1.0 nA (max) (VGS = 30 V)
• Low RDS (ON): RDS (ON) = 270 Ω (typ.) (IDSS = −5 mA)
• Complimentary to 2SK330
• Small package
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Gate-drain voltage
VGDS
50
V
Gate current
IG
−10
mA
Drain power dissipation
PD
200
mW
Junction temperature
Tj
125
°C
Storage temperature range
Tstg
−55~125
°C
Note:
Using continuously under heavy loads (e.g. the application of
high temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the
reliability significantly even if the operating conditions (i.e.
operating temperature/current/voltage, etc.) are within the
absolute maximum ratings.
Please design the appropriate reliability upon reviewing the
Toshiba Semiconductor Reliability Handbook (“Handling Precautions”/“Derating Concept and Methods”) and
individual reliability data (i.e. reliability test report and estimated failure rate, etc).
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Gate cut-off current
IGSS
VGS = 30 V, VDS = 0
⎯
⎯
1.0
nA
Gate-drain breakdown voltage
V (BR) GDS
VDS = 0, IG = 100 μA
50
⎯
⎯
V
Drain current
IDSS
(Note)
VDS = −10 V, VGS = 0
−1.2
⎯
−14
mA
Gate-source cut-off voltage
VGS (OFF)
VDS = −10 V, ID = −0.1 μA
0.3
⎯
6.0
V
Forward transfer admittance
⎪Yfs⎪
VDS = −10 V, VGS = 0, f = 1 kHz
1.0
4.0
⎯
mS
Drain-source ON resistance
RDS (ON)
VDS = −10 mV, VGS = 0
IDSS = −5 mA
⎯
270
⎯
Ω
Input capacitance
Ciss
VDS = −10 V, VGS = 0, f = 1 MHz
⎯
18
⎯
pF
Reverse transfer capacitance
Crss
VDG = −10 V, ID = 0, f = 1 MHz
⎯
3.6
⎯
pF
Note: IDSS classification Y: −1.2~−3.0 mA, GR: −2.6~−6.5 mA, BL: −6~−14 mA
Unit: mm
JEDEC
―
JEITA
―
TOSHIBA
2-4E1B
Weight: 0.13 g (typ.)


Similar Part No. - 2SJ105

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SJ105 TOSHIBA-2SJ105 Datasheet
185Kb / 3P
P CHANNEL JUNCTION TYPE (FOR AUDIO AMPLIFIER, ANALOG SWITCH, CONSTANT CURRENT AND IMPEDANCE CONVERTER APPLICATIONS)
2SJ105 TOSHIBA-2SJ105 Datasheet
134Kb / 1P
MINI PACKAGE SERIES
More results

Similar Description - 2SJ105

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SJ103 TOSHIBA-2SJ103 Datasheet
185Kb / 3P
P CHANNEL JUNCTION TYPE (FOR AUDIO AMPLIFIER , ANALOG SWITCH, CONSTANT CURRENT AND IMPEDANCE CONVERTER APPLICATIONS)
2SJ104 TOSHIBA-2SJ104 Datasheet
208Kb / 4P
P CHANNEL JUNCTION TYPE (FOR AUDIO AMPLIFIER, ANALOG SWITCH, CONSTANT CURRENT AND IMPEDANCE CONVERTER APPLICATIONS)
2SJ107 TOSHIBA-2SJ107 Datasheet
212Kb / 4P
P CHANNEL JUNCTION TYPE (FOR AUDIO AMPLIFIER, ANALOG SWITCH, CONSTANT CURRENT AND IMPEDANCE CONVERTER APPLICATIONS)
2SK330 TOSHIBA-2SK330 Datasheet
218Kb / 4P
N CHANNEL JUNCTION TYPE (FOR AUDIO AMPLIFIER, ANALOG SWITCH, CONSTANT CURRENT AND IMPEDANCE CONVERTER APPLICATIONS)
2SK363 TOSHIBA-2SK363 Datasheet
226Kb / 4P
N CHANNEL JUNCTION TYPE (FOR AUDIO AMPLIFIER, ANALOG SWITCH, CONSTANT CURRENT AND IMPEDANCE CONVERTER APPLICATIONS)
10-Apr-1997
2SK365 TOSHIBA-2SK365 Datasheet
223Kb / 4P
N CHANNEL JUNCTION TYPE (FOR AUDIO AMPLIFIER, ANALOG SWITCH, CONSTANT CURRENT AND IMPEDANCE CONVERTER APPLICATIONS)
10-Apr-1997
2SJ103 TOSHIBA-2SJ103_07 Datasheet
524Kb / 4P
For Audio Amplifier, Analog Switch, Constant Current and Impedance Converter Applications
2SJ104 TOSHIBA-2SJ104_07 Datasheet
716Kb / 5P
For Audio Amplifier, Analog Switch, Constant Current and Impedance Converter Applications
2SJ107 TOSHIBA-2SJ107_07 Datasheet
621Kb / 5P
For Audio Amplifier, Analog Switch, Constant Current and Impedance Converter Applications
2SJ144-GR TOSHIBA-2SJ144-GR Datasheet
282Kb / 4P
Audio Frequency Amplifier Applications Analog Switch Applications Constant Current Applications Impedance Converter Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com