Electronic Components Datasheet Search
  English  ▼

X  

2SJ360 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # 2SJ360
Description  Chopper Regulator, DC−DC Converter and Motor Drive Applications
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SJ360 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  2SJ360 Datasheet HTML 1Page - Toshiba Semiconductor 2SJ360 Datasheet HTML 2Page - Toshiba Semiconductor 2SJ360 Datasheet HTML 3Page - Toshiba Semiconductor 2SJ360 Datasheet HTML 4Page - Toshiba Semiconductor 2SJ360 Datasheet HTML 5Page - Toshiba Semiconductor 2SJ360 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2SJ360
2006-11-15
2
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Gate leakage current
IGSS
VGS = ±16 V, VDS = 0 V
—
—
±10
μA
Drain cut−off current
IDSS
VDS = −60 V, VGS = 0 V
—
—
−100
μA
Drain−source breakdown voltage
V (BR) DSS
ID = −10 mA, VGS = 0 V
−60
—
—
V
Gate threshold voltage
Vth
VDS = −10 V, ID = −1 mA
−0.8
—
−2.0
V
VGS = −4 V, ID = −0.5 A
—
0.86
1.2
Drain−source ON resistance
RDS (ON)
VGS = −10 V, ID = −0.5 A
—
0.55
0.73
Ω
Forward transfer admittance
|Yfs|
VDS = −10 V, ID = −0.5 A
0.5
0.9
—
S
Input capacitance
Ciss
—
155
—
Reverse transfer capacitance
Crss
—
20
—
Output capacitance
Coss
VDS = −10 V, VGS = 0 V, f = 1 MHz
—
75
—
pF
Rise time
tr
—
17
—
Turn−on time
ton
—
20
—
Fall time
tf
—
20
—
Switching time
Turn−off time
toff
—
100
—
ns
Total gate charge (Gate−source
plus gate−drain)
Qg
—
6.5
—
Gate−source charge
Qgs
—
4.5
—
Gate−drain (“miller”) charge
Qgd
VDD ≈ −48 V, VGS = −10 V, ID = −1 A
—
2.0
—
nC
Source−Drain Ratings and Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Continuous drain reverse current
(Note 1)
IDR
—
—
—
−1
A
Pulse drain reverse current
(Note 1)
IDRP
—
—
—
−3
A
Forward voltage (diode)
VDSF
IDR = −1 A, VGS = 0 V
—
—
1.7
V
Reverse recovery time
trr
—
50
—
ns
Reverse recovery charge
Qrr
IDR = −1 A, VGS = 0 V
dIDR / dt = 50 A / μs
—
50
—
μC
Marking
Z
8
Part No. (or abbreviation code)
Lot No.
A line indicates
lead (Pb)-free package or
lead (Pb)-free finish.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com