Electronic Components Datasheet Search
  English  ▼

X  

2SJ464 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # 2SJ464
Description  Chopper Regulator, DC-DC Converter and Motor Drive Applications
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SJ464 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  2SJ464 Datasheet HTML 1Page - Toshiba Semiconductor 2SJ464 Datasheet HTML 2Page - Toshiba Semiconductor 2SJ464 Datasheet HTML 3Page - Toshiba Semiconductor 2SJ464 Datasheet HTML 4Page - Toshiba Semiconductor 2SJ464 Datasheet HTML 5Page - Toshiba Semiconductor 2SJ464 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2SJ464
2006-11-16
2
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Gate leakage current
IGSS
VGS = ±16 V, VDS = 0 V
⎯
⎯
±10
μA
Drain cut-off current
IDSS
VDS = −100 V, VGS = 0 V
⎯
⎯
−100
μA
Drain-source breakdown voltage
V (BR) DSS
ID = −10 mA, VGS = 0 V
−100
⎯
⎯
V
Gate threshold voltage
Vth
VDS = −10 V, ID = −1 mA
−0.8
⎯
−2.0
V
VGS = −10 V, ID = −9 A
⎯
64
90
Drain-source ON resistance
RDS (ON)
VGS = −4 V, ID = −9 A
⎯
85
120
m
Ω
Forward transfer admittance
⎪Yfs⎪
VDS = −10 V, ID = −9 A
7
15
⎯
S
Input capacitance
Ciss
⎯
2900
⎯
pF
Reverse transfer capacitance
Crss
⎯
480
⎯
pF
Output capacitance
Coss
VDS = −10 V, VGS = 0 V, f = 1 MHz
⎯
1000
⎯
pF
Rise time
tr
⎯
25
⎯
Turn-on time
ton
⎯
45
⎯
Fall time
tf
⎯
25
⎯
Switching time
Turn-off time
toff
Duty <= 1%, tw = 10 μs
⎯
170
⎯
ns
Total gate charge
(gate-source plus gate-drain)
Qg
⎯
140
⎯
nC
Gate-source charge
Qgs
⎯
90
⎯
nC
Gate-drain (“miller”) charge
Qgd
VDD ∼− −80 V, VGS = −10 V, ID = −18 A
⎯
50
⎯
nC
Source-Drain Ratings and Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Continuous drain reverse current
(Note 1)
IDR
⎯
⎯
⎯
−18
A
Pulse drain reverse current
(Note 1)
IDRP
⎯
⎯
⎯
−72
A
Forward voltage (diode)
VDSF
IDR = −18 A, VGS = 0 V
⎯
⎯
1.7
V
Reverse recovery time
trr
⎯
220
⎯
ns
Reverse recovery charge
Qrr
IDR = −18 A, VGS = 0 V
dIDR/dt = 50 A/μs
⎯
0.97
⎯
μC
Marking
−10 V
0 V
VGS
VDD ∼− −50 V
ID = −9 A
VOUT
Lot No.
A line indicates
lead (Pb)-free package or
lead (Pb)-free finish.
J464
Part No. (or abbreviation code)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com