Electronic Components Datasheet Search
  English  ▼

X  

25CTQ035STRR Datasheet(PDF) 7 Page - International Rectifier

Part # 25CTQ035STRR
Description  SCHOTTKY RECTIFIER 30 Amp
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

25CTQ035STRR Datasheet(HTML) 7 Page - International Rectifier

  25CTQ035STRR Datasheet HTML 1Page - International Rectifier 25CTQ035STRR Datasheet HTML 2Page - International Rectifier 25CTQ035STRR Datasheet HTML 3Page - International Rectifier 25CTQ035STRR Datasheet HTML 4Page - International Rectifier 25CTQ035STRR Datasheet HTML 5Page - International Rectifier 25CTQ035STRR Datasheet HTML 6Page - International Rectifier 25CTQ035STRR Datasheet HTML 7Page - International Rectifier 25CTQ035STRR Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
25CTQ...SPbF, 25CTQ...-1PbF Series
7
Bulletin PD-21032 rev. A 06/06
www.irf.com
Ordering Information Table
25
C
T
Q
045
S
TRL PbF
Device Code
1
5
2
4
3
6
1
-
Current Rating (25A)
2
-
Circuit Configuration
C = Common Cathode
3
-
T = TO-220
4
-
Schottky "Q" Series
5
-
Voltage Ratings
6
-
S = D2Pak
-1= TO-262
7
-
none = Tube (50 pieces)
TRL = Tape & Reel (Left Oriented - for D2Pak only)
TRR = Tape & Reel (Right Oriented - for D2Pak only)
8
-
none = Standard Production
PbF = Lead-Free
7
8
035 = 35V
040 = 40V
045 = 45V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com