Electronic Components Datasheet Search
  English  ▼

X  

PCA9633DP2 Datasheet(PDF) 27 Page - NXP Semiconductors

Part # PCA9633DP2
Description  4-bit Fm I2C-bus LED driver
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9633DP2 Datasheet(HTML) 27 Page - NXP Semiconductors

Back Button PCA9633DP2 Datasheet HTML 23Page - NXP Semiconductors PCA9633DP2 Datasheet HTML 24Page - NXP Semiconductors PCA9633DP2 Datasheet HTML 25Page - NXP Semiconductors PCA9633DP2 Datasheet HTML 26Page - NXP Semiconductors PCA9633DP2 Datasheet HTML 27Page - NXP Semiconductors PCA9633DP2 Datasheet HTML 28Page - NXP Semiconductors PCA9633DP2 Datasheet HTML 29Page - NXP Semiconductors PCA9633DP2 Datasheet HTML 30Page - NXP Semiconductors PCA9633DP2 Datasheet HTML 31Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 42 page
background image
PCA9633_3
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 03 — 20 December 2006
27 of 42
NXP Semiconductors
PCA9633
4-bit Fm+ I2C-bus LED driver
12. Static characteristics
Table 20.
Static characteristics
VDD = 2.3 V to 5.5 V; VSS =0V; Tamb = −40 °Cto+85 °C; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Supply
VDD
supply voltage
2.3
-
5.5
V
IDD
supply current
operating mode; no load; fSCL = 1 MHz
VDD = 2.3 V
-
2.5
10
mA
VDD = 3.3 V
-
2.5
10
mA
VDD = 5.5 V
-
2.5
10
mA
Istb
standby current
no load; fSCL = 0 Hz; I/O = inputs; VI =VDD
VDD = 2.3 V
-
2.3
11
µA
VDD = 3.3 V
-
2.9
12
µA
VDD = 5.5 V
-
3.8
15.5
µA
VPOR
power-on reset voltage
no load; VI =VDD or VSS
[1] -
1.70
2.0
V
Input SCL; input/output SDA
VIL
LOW-level input voltage
−0.5
-
+0.3VDD V
VIH
HIGH-level input voltage
0.7VDD
-
5.5
V
IOL
LOW-level output current VOL = 0.4 V; VDD = 2.3 V
20
-
-
mA
VOL = 0.4 V; VDD = 5.0 V
30
-
-
mA
IL
leakage current
VI =VDD or VSS
−1-
+1
µA
Ci
input capacitance
VI =VSS
-
6
10
pF
LED driver outputs
IOL
LOW-level output current VOL = 0.5 V; VDD = 2.3 V
[2] 12
-
-
mA
VOL = 0.5 V; VDD = 3.0 V
[2] 17
-
-
mA
VOL = 0.5 V; VDD = 4.5 V
[2] 25
-
-
mA
IOL(tot)
total LOW-level output
current
VOL = 0.5 V; VDD = 4.5 V
[2] -
-
100
mA
IOH
HIGH-level output
current
open-drain; VOH =VDD
−50
-
+50
µA
VOH
HIGH-level output
voltage
IOH = −10 mA; VDD = 2.3 V
1.6
-
-
V
IOH = −10 mA; VDD = 3.0 V
2.3
-
-
V
IOH = −10 mA; VDD = 4.5 V
4.0
-
-
V
Co
output capacitance
-
2.5
5
pF
OE input
VIL
LOW-level input voltage
−0.5
-
+0.8
V
VIH
HIGH-level input voltage
2
-
5.5
V
ILI
input leakage current
−1-
+1
µA
Ci
input capacitance
-
3.7
5
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com