Electronic Components Datasheet Search
  English  ▼

X  

TMP88CS38NG Datasheet(PDF) 95 Page - Toshiba Semiconductor

Part # TMP88CS38NG
Description  8-bit single chip microcomputer
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP88CS38NG Datasheet(HTML) 95 Page - Toshiba Semiconductor

Back Button TMP88CS38NG Datasheet HTML 91Page - Toshiba Semiconductor TMP88CS38NG Datasheet HTML 92Page - Toshiba Semiconductor TMP88CS38NG Datasheet HTML 93Page - Toshiba Semiconductor TMP88CS38NG Datasheet HTML 94Page - Toshiba Semiconductor TMP88CS38NG Datasheet HTML 95Page - Toshiba Semiconductor TMP88CS38NG Datasheet HTML 96Page - Toshiba Semiconductor TMP88CS38NG Datasheet HTML 97Page - Toshiba Semiconductor TMP88CS38NG Datasheet HTML 98Page - Toshiba Semiconductor TMP88CS38NG Datasheet HTML 99Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 226 page
background image
TMP88CS38/CM38A/CP38A
2007-09-12
88CS38-95
(9) Serial bus interface operating mode selection
The SBIM (Bit3 and 2 in SBICRB) is used to specify a serial bus interface operation
mode.
Set the SBIM to “10” in order to change a operation mode to I2C bus mode. Before
changing operation mode, confirm serial bus interface pins in a high level. And switch
a mode to port after confirming that a bus is free.
(10) Arbitration lost detection monitor
Since more than one master device can exist simultaneously on a bus in the I2C bus
mode, a bus arbitration procedure is implemented in order to guarantee the contents of
transferred data.
Data on the SDA line is used for bus arbitration of the I2C bus.
The following shows an example of a bus arbitration procedure when two master
devices exist simultaneously on a bus. Master 1 and master 2 output the same data
until point “a”. After master 1 outputs “1” and master 2, “0”, the SDA line of a bus is
wired AND and the SDA line is pulled down to the low level by master 2. When the
SCL line of a bus is pulled up at point “b”, the slave device reads data on the SDA line,
that is data in master 2.
Data transmitted from master 1 becomes invalid. The state in master 1 is called
“arbitration lost”. A master device which loses arbitration releases the SDA pin and
the SCL pin in order not to effect data transmitted from other masters with arbitration.
When more than one master sends the same data at the first word, arbitration occurs
continuously after the second word.
Figure 2.9.11 Arbitration Lost
SDA (Bus)
SDA pin becomes “1” after losing arbitration.
a
b
SCL (Bus)
SDA pin (Master 2)
SDA pin (Master 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com