Electronic Components Datasheet Search
  English  ▼

X  

ADL8113ACCZ Datasheet(PDF) 12 Page - Analog Devices

Part # ADL8113ACCZ
Description  10MHz to 12GHz Low Noise Amplifier with 10MHz to 14GHz Bypass Switches
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL8113ACCZ Datasheet(HTML) 12 Page - Analog Devices

Back Button ADL8113ACCZ Datasheet HTML 8Page - Analog Devices ADL8113ACCZ Datasheet HTML 9Page - Analog Devices ADL8113ACCZ Datasheet HTML 10Page - Analog Devices ADL8113ACCZ Datasheet HTML 11Page - Analog Devices ADL8113ACCZ Datasheet HTML 12Page - Analog Devices ADL8113ACCZ Datasheet HTML 13Page - Analog Devices ADL8113ACCZ Datasheet HTML 14Page - Analog Devices ADL8113ACCZ Datasheet HTML 15Page - Analog Devices ADL8113ACCZ Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 37 page
background image
Data Sheet
ADL8113
ABSOLUTE MAXIMUM RATINGS
analog.com
Rev. 0 | 12 of 37
Table 8. Absolute Maximum Ratings
Parameter
Rating
VDD1
7V
VDD2
−0.3V to +3.6V
VSS2
−3.6V to +0.3V
Control Voltage (VA and VB) Range
−0.3V to VDD2 + 0.3V
RF Input Power (RFIN)
Internal Amplifier Mode
31dBm
Internal and External Bypass Mode (Derate at
Lower Frequencies, According to Figure 2)
27.5dBm
Hot Switch Power Level
External and Internal Switch Mode
27.5dBm
Continuous Power Dissipation,PDISS (TCASE = 85°C,
Derate 11.1mW/°C Above 85°C)
1W
Temperature Range
Storage
−40°C to +125°C
Operating
−40°C to +85°C
Nominal Channel (TCASE = 85°C, VDD = 5V, IDQ =
110mA, PIN = Off)
134.5°C
Maximum Channel
175°C
Stresses at or above those listed under Absolute Maximum Ratings
may cause permanent damage to the product. This is a stress
rating only; functional operation of the product at these or any other
conditions above those indicated in the operational section of this
specification is not implied. Operation beyond the maximum operat-
ing conditions for extended periods may affect product reliability.
THERMAL RESISTANCE
Overall thermal performance is directly linked to the printed circuit
board (PCB) design and operating environment. Careful attention to
PCB thermal design is required.
θJC is the channel-to-case thermal resistance (channel to exposed
metal ground paddle/pad on the underside of the device).
Table 9. Thermal Resistance
Package Type
θJC
Unit
CC-28-4
Worst Case, TCASE = 85°C1
90
°C/W
1 Across all specified conditions.
RF INPUT POWER DERATING CURVE
Figure 2. RF Input Power Derating Curve
ELECTROSTATIC DISCHARGE (ESD) RATINGS
The following ESD information is provided for handling of ESD-sen-
sitive devices in an ESD protected area only.
Human body model (HBM) per ANSI/ESDA/JEDEC JS-001.
ESD Ratings for ADL8113
Table 10. ADL8113, 28-Terminal LGA
ESD Model
Withstand Threshold (V)
Class
HBM
±250
1A
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Charged devi-
ces and circuit boards can discharge without detection. Although
this product features patented or proprietary protection circuitry,
damage may occur on devices subjected to high energy ESD.
Therefore, proper ESD precautions should be taken to avoid
performance degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com