Electronic Components Datasheet Search
  English  ▼

X  

CDBMS260-HF Datasheet(PDF) 4 Page - Comchip Technology

Part # CDBMS260-HF
Description  SMD Schottky Barrier Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBMS260-HF Datasheet(HTML) 4 Page - Comchip Technology

  CDBMS260-HF Datasheet HTML 1Page - Comchip Technology CDBMS260-HF Datasheet HTML 2Page - Comchip Technology CDBMS260-HF Datasheet HTML 3Page - Comchip Technology CDBMS260-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Marking Code
Standard Packaging
SOD-123F
Case Type
3,000
REEL
( pcs )
Reel Size
(inch)
7
REEL PACK
SMD Schottky Barrier Rectifiers
T4.
Part Number
Marking Code
CDBMS240-HF
XX = Product type marking code
XX
“ ” = Halogen Free
Cathode Band
Suggested P.C.B. PAD Layout
SIZE
(inch)
0.053
(mm)
1.34
1.80
1.52
0.071
0.060
B
C
A
SOD-123F
2.86
4.20
0.113
0.165
D
E
A
B
C
D
E
Comchip Technology CO., LTD.
REV:D
Page 4
QW-JB075
T6.
CDBMS260-HF
TA.
CDBMS2100-HF



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com