Electronic Components Datasheet Search
  English  ▼

X  

LTM8071 Datasheet(PDF) 9 Page - Analog Devices

Part # LTM8071
Description  Quad 40VIN, 3A Silent Switcher μModule Regulator with Package-Level EMI Shield
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8071 Datasheet(HTML) 9 Page - Analog Devices

Back Button LTM8071 Datasheet HTML 5Page - Analog Devices LTM8071 Datasheet HTML 6Page - Analog Devices LTM8071 Datasheet HTML 7Page - Analog Devices LTM8071 Datasheet HTML 8Page - Analog Devices LTM8071 Datasheet HTML 9Page - Analog Devices LTM8071 Datasheet HTML 10Page - Analog Devices LTM8071 Datasheet HTML 11Page - Analog Devices LTM8071 Datasheet HTML 12Page - Analog Devices LTM8071 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 43 page
background image
Data Sheet
LTM8060F
analog.com
Rev. 0
9 of 43
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
Figure 5. Pinout Configuration
Pin Descriptions
Table 4. Pin Descriptions
PIN
NAME
DESCRIPTION
CFG 1
Bank
2
GND
Connect these GND pins to a local ground plane below the LTM8060F and the circuit
components. In most applications, the bulk of the heat flow out of the LTM8060F is
through these pads, so the printed circuit board (PCB) design has a large impact on
the thermal performance of the device. See the PCB Layout and Thermal
Considerations sections for more details. Return the feedback divider (RFB) to this
net.
PSGA PACKAGE
165-PIN (16mm × 11.9mm × 2.9mm)
TJMAX = 125°C; θJA = 8.4°C/W;
θJC_top = 4.6°C/W; θJC_bottom = 1°C/W; WEIGHT = 1.89g
BANK3
VOUT2
BANK1
VOUT3
BANK7
VOUT4
BANK5
VIN34
BANK4
VIN2
BANK6
VIN1
BANK8
VOUT1
GND
SHARE3
SHARE4
FB1
RT12 TRSS2 TRSS1
FB2
SHARE2
SHARE1
AUX2 BIAS12 AUX1
7
6
8
9
10
11
5
4
3
2
1
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
RUN2
RUN1
SYNC12
PG2
DNC
PG1
CLKOUT12
BIAS34 AUX4
AUX3
TRSS4 RT34
FB4
FB3
TRSS3
PG4 CLKOUT34
DNC
PG3
RUN4 SYNC34
RUN3
BANK2
TOP VIEW
θ VALUES ARE DETERMINED BY SIMULATION PER JESD51 CONDITIONS.
θJA VALUE IS OBTAINED WITH DEMO BOARD.
SEE THE TYPICAL PERFORMANCE CHARACTERISTICS SECTION FOR LAB MEASURED DER ATING CURVES.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com