Electronic Components Datasheet Search
  English  ▼

X  

LTC4271 Datasheet(PDF) 17 Page - Analog Devices

Part # LTC4271
Description  IEEE 802.3bt PD with Telemetry and Power Priority
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4271 Datasheet(HTML) 17 Page - Analog Devices

Back Button LTC4271 Datasheet HTML 13Page - Analog Devices LTC4271 Datasheet HTML 14Page - Analog Devices LTC4271 Datasheet HTML 15Page - Analog Devices LTC4271 Datasheet HTML 16Page - Analog Devices LTC4271 Datasheet HTML 17Page - Analog Devices LTC4271 Datasheet HTML 18Page - Analog Devices LTC4271 Datasheet HTML 19Page - Analog Devices LTC4271 Datasheet HTML 20Page - Analog Devices LTC4271 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
Data Sheet
LTC9105
REGISTER MAP
analog.com
Rev. A | 17 of 22
Table 10. I2C Register Map
Byte
BIT 7
BIT 6
BIT 5
BIT 4
BIT3
BIT 2
BIT 1
BIT 0
1
aux_status
pse_mark[1:0]
aux_thresh
padc_enable
stdby_dis
priority
brownout
2
old_data
ioverflow
current[13:8]
3
current[7:0]
4
padc_data
vpoverflow
voltage_power[13:8]
5
voltage_power[7:0]
Table 11. I2C Register Details
Byte
Bit
Data
Access
Reset
Value
Description
1
7
aux_status
RO
See
description
Auxiliary Status. Returns 1 if an auxiliary supply is detected. Returns 0 if an auxiliary supply is absent.
See Auxiliary Input and Dual-Input Prioritization.
The reset value is determined by the AUX pin state.
1
6:5
pse_mark
RO
See
description
PSE Mark Response. Combine this field with PD requested Class to determine PSE allocated power.
See Table 7.
0 : 0-1 Mark Events, PSE allocated power is Min(PD Requested Class, 13W)
1 : 2-3 Mark Events, PSE allocated power is 25.5W
2 : 4 Mark Events, PSE allocated power is Min(PD Requested Class, 51W)
3 : 5+ Mark Events, PSE allocated power is Min(PD Requested Class, 71.3W)
The reset value is a function of the preceding physical classification result.
1
4
aux_thresh
R/W
0
Auxiliary Threshold Configuration. When set, the LTC9105 AUX pin uses a variable threshold (see
Figure 3). When cleared, the LTC9105 AUX pin uses a 1.05V (typ.) threshold.
1
3
padc_enable
R/W
0
Power ADC Enable. When set, the LTC9105 reports input average power in the voltage_power
field and the padc_data bit is set.
When clear, the LTC9105 reports the input average voltage in the voltage_power field and the
padc_data bit is cleared.
1
2
stdby_dis
R/W
0
Standby Disable. Controls MOSFET state and Automatic MPS feature based on AUX pin state and
priority setting. See Dual-Input Prioritization.
1
1
priority
R/W
See
description
Port Priority. Controls MOSFET state and Automatic MPS feature based on AUX pin state and
stdby_dis setting. See Dual-Input Prioritization.
The reset value is the inverse of the AUX pin state, and is latched on reset exit.
1
0
brownout
R/W1C
0
Brownout Indication. Indicates that the input voltage has fallen below VOFF threshold, then returned to
VON without crossing the VRESET threshold. Remains set until cleared by user. Clear by writing a 1 to
this bit.
2
7
old_data
RO
0
Old Data Indication. This bit is set when an ADC conversion is read over the I2C interface and cleared
when a new ADC conversion is available.
2
6
ioverflow
RO
0
Current Overflow Status. If set, the current readback is an overflow (the measurement was outside the
full scale range of the ADC). Disregard the value in current[13:0] when ioverflow is set.
This field is updated with every ADC conversion.
2
5:0
current[13:8]
RO
0
Current Telemetry MSB. Upper bits of the current telemetry. Combine with current[7:0] for a
complete current telemetry reading.
This field is updated with every ADC conversion.
3
7:0
current[7:0]
RO
0
Current Telemetry LSB. Lower bits of the current telemetry. Combine with current[13:8] for a
complete current telemetry reading.
Representing 246.8μA/LSb (14-bit) with an offset of 0x2000. Full scale range ±2.022A. All values are
typical and assume RSNSP-SNSN = 50mΩ.
This field is updated with every ADC conversion.
4
7
padc_data
RO
0
Power Telemetry Indicator. Returns 1 if voltage_power[13:0] contains power data. Returns 0 if
voltage_power[13:0] contains voltage data.
This field is updated with every ADC conversion.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com