Electronic Components Datasheet Search
  English  ▼

X  

LP38501-ADJ Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP38501-ADJ
Description  3A FlexCap Low Dropout Linear Regulator for 2.7V to 5.5V Inputs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP38501-ADJ Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LP38501-ADJ Datasheet HTML 1Page - National Semiconductor (TI) LP38501-ADJ Datasheet HTML 2Page - National Semiconductor (TI) LP38501-ADJ Datasheet HTML 3Page - National Semiconductor (TI) LP38501-ADJ Datasheet HTML 4Page - National Semiconductor (TI) LP38501-ADJ Datasheet HTML 5Page - National Semiconductor (TI) LP38501-ADJ Datasheet HTML 6Page - National Semiconductor (TI) LP38501-ADJ Datasheet HTML 7Page - National Semiconductor (TI) LP38501-ADJ Datasheet HTML 8Page - National Semiconductor (TI) LP38501-ADJ Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Symbol
Parameter
Conditions
Min
Typ
Max
Units
AC Parameters
PSRR
Ripple Rejection
V
IN = 3.0V, IOUT = 3A
f = 120Hz
—
58
—
dB
V
IN = 3.0V, IOUT = 3A
f = 1 kHz
—
56
—
ρ
n(l/f)
Output Noise Density
f = 120Hz, C
OUT = 10 µF CER
—
1.0
—
µV/
√Hz
e
n
Output Noise Voltage
BW = 100Hz – 100kHz
C
OUT = 10 µF CER
—
100
—
µV (rms)
Thermal Characteristics
T
SD
Thermal Shutdown
T
J rising
—
170
—
°C
ΔT
SD
Thermal Shutdown Hysteresis TJ falling from TSD
—
10
—
θ
J-A
Thermal Resistance
Junction to Ambient
TO-263, TO-263 THIN(Note 8)
1 sq. in. copper
37
°C/W
θ
J-C
Thermal Resistance
Junction to Case
TO-263, TO-263 THIN
—
5
—
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
intended to be functional, but does not guarantee specific performance limits. For guaranteed specifications and conditions, see the Electrical Characteristics.
Note 2: The human body model is a 100pF capacitor discharged through a 1.5k
Ω resistor into each pin.
Note 3: Operating junction temperature must be evaluated, and derated as needed, based on ambient temperature (T
A), power dissipation (PD), maximum
allowable operating junction temperature (T
J(MAX)), and package thermal resistance (θJA). See Application Information.
Note 4: Output voltage line regulation is defined as the change in output voltage from the nominal value due to change in the voltage at the input.
Note 5: Output voltage load regulation is defined as the change in output voltage from the nominal value due to change in the load current at the output.
Note 6: The line and load regulation specification contains only the typical number. However, the limits for line and load regulation are included in the output
voltage tolerance specification.
Note 7: Dropout voltage is defined as the minimum input to output differential voltage at which the output drops 2% below the nominal value. For any output
voltage less than 2.5V, the minimum V
IN operating voltage is the limiting factor.
Note 8: The value of
θ
JA for the TO-263 (TS) package and TO-263 THIN (TJ) package can range from approximately 30 to 60°C/W depending on the amount of
PCB copper dedicated to heat transfer (See Application Information).
5
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com