Electronic Components Datasheet Search
  English  ▼

X  

1618G-S16-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 1618G-S16-R
Description  6 KEYS SIREN/ALARM SOUND GENERATOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

1618G-S16-R Datasheet(HTML) 3 Page - Unisonic Technologies

  1618G-S16-R Datasheet HTML 1Page - Unisonic Technologies 1618G-S16-R Datasheet HTML 2Page - Unisonic Technologies 1618G-S16-R Datasheet HTML 3Page - Unisonic Technologies 1618G-S16-R Datasheet HTML 4Page - Unisonic Technologies 1618G-S16-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
1618
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 5
www.unisonic.com.tw
QW-R502-007.H
ABSOLUTE MAXIMUM RATING (T
A=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VDD
-0.3 ~ 6
V
Input Voltage
VIN
-0.3 ~ VDD+0.3
V
Output Voltage
VOUT
-0.3 ~ VDD+0.3
V
Operating Temperature
TOPR
0 ~ 65
C
Storage Temperature
TSTG
-40 ~ 125
C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (V
DD=3V,TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Operating Voltage
VDD
2
3
5
V
BZ1, BZ2 Driving Current
IOH
1
mA
IOL
1
mA
Stand-By Current
ISB
10
20
uA
Operating Current
IOP
300
500
uA
Operating Frequency
FOP
70
80
128
KHz



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com