Electronic Components Datasheet Search
  English  ▼

X  

05D Datasheet(PDF) 15 Page - TYEE Products Inc

Part # 05D
Description  Varistor Specification
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TYEE [TYEE Products Inc]
Direct Link  http://www.tyeeusa.com/
Logo TYEE - TYEE Products Inc

05D Datasheet(HTML) 15 Page - TYEE Products Inc

Back Button 05D Datasheet HTML 7Page - TYEE Products Inc 05D Datasheet HTML 8Page - TYEE Products Inc 05D Datasheet HTML 9Page - TYEE Products Inc 05D Datasheet HTML 10Page - TYEE Products Inc 05D Datasheet HTML 11Page - TYEE Products Inc 05D Datasheet HTML 12Page - TYEE Products Inc 05D Datasheet HTML 13Page - TYEE Products Inc 05D Datasheet HTML 14Page - TYEE Products Inc 05D Datasheet HTML 15Page - TYEE Products Inc  
Zoom Inzoom in Zoom Outzoom out
 15 / 15 page
background image
(Environmental)
Step
2
15± 3
4
15± 3
Characteristics
Test Methods
Specifications
High Temperature
Storage/
Dry Heat
The specimen shall be subjected to 125±2 ℃ for 1000 hours in a
thermostatic bath without load and then stored at room temperature and
humidity for 1 to 2 hours. Thereafter, the change of Vc shall be measured.
△VcmA/VcmA≦±5%
Damp Heat/
Humidity
(Steady State)
The specimen shall be subjected to 40 ± 2 ℃, 90 to 95 %RH for 1000
hours without load and then stored at room temperature and humidity for
one to two hours. Thereafter, the change of Vc shall be measured.
Temperature
Cycle
The temperature cycle shown below shall be repeated five times and then
stored at room temperature and humidity for one to two hours. The change
of Vc and mechanical damage shall be examined.
Temperature(℃)
Period (minutes)
1
-40± 3
30± 3
Room temperature
3
125± 2
30± 3
Room temperature
High Temperature
Load/
Dry Heat Load
After being continuously applied the Maximum Allowable Voltage at 85
± 2℃ for 1000 hours. The specimen shall be stored at room temperature
and humidity for one to two hours Thereafter, the change of Vc shall be
measured.
Low Temperature
Storage/Cold
The specimen shall be subjected to -40±2 ℃ without load for 1000 hours
and then stored at room temperature for one to two hours. Thereafter, the
change of Vc shall be measured.
△VcmA/VcmA≦±5%
△VcmA/VcmA≦±10%
Damp Heat Load/
Humidity Load
The specimen shall be subjected to 40±2 ℃, 90 to 95 %RH and the
Maximum Allowable Voltage for 1000 hours and then stored at room
temperature and humidity for one to two hours. Thereafter, the change of
Vc shall be measured.
△VcmA/VcmA≦±10%
TYEE Products Inc.
http://www.tyeeusa.com/
Page: 15/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com