Electronic Components Datasheet Search
  English  ▼

X  

CPDQ24VM-HF Datasheet(PDF) 1 Page - Comchip Technology

Part # CPDQ24VM-HF
Description  SMD ESD Protection Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CPDQ24VM-HF Datasheet(HTML) 1 Page - Comchip Technology

  CPDQ24VM-HF Datasheet HTML 1Page - Comchip Technology CPDQ24VM-HF Datasheet HTML 2Page - Comchip Technology CPDQ24VM-HF Datasheet HTML 3Page - Comchip Technology CPDQ24VM-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
RoHS Device
Halogen Free
Page 1
Comchip Technology CO., LTD.
QW-JP158
SMD ESD Protection Diode
Features
- IEC 61000-4-2 (ESD) ±30kV (air/contact)
IEC 61000-4-4 (EFT) 80A (5/50ns)
IEC 61000-4-5 (Lightning) 7A (8/20µs)
Maximum Rating (at TA=25°C unless otherwise noted)
Symbol
Parameter
Value
Unit
Conditions
Peak pulse power
PPP
W
Operating junction temperature range
TJ
°C
ESD
kV
IEC 61000-4-2(air)
IEC 61000-4-2(contact)
ESD capability
Peak pulse current
IPP
A
TP = 8/20µs
TP = 8/20µs
-55 to +125
±30
7
294
- ESD protection for one line with Bi-directional.
- Protect one I/O line or power line.
- Fast turn-on and low clamping voltage.
Mechanical data
- Case: DFN1006-2L package,
molded plastic.
- Mounting position: Any.
REV:C
CPDQ24VM-HF
Sorage temperature range
TSTG
°C
-55 to +150
Dimensions in inches and (millimeter)
DFN1006-2L
0.022(0.55)
0.018(0.45)
0.002(0.05)
Max.
0.041(1.05)
0.037(0.95)
0.026(0.65)
0.022(0.55)
0.022(0.55)
0.018(0.45)
0.012(0.30)
0.008(0.20)
0.026(0.65)
BSC
0.002(0.05)
REF
0.003(0.07)
0.007(0.17)
0.003(0.07)
0.007(0.17)
0.002(0.05)
REF
Pin 1
Pin 2
Circuit Diagram
0.007(0.18)
0.005(0.12)
Electrical Characteristics (at TA=25°C unless otherwise noted)
Symbol
Typ
Parameter
Min
Max
Unit
Conditions
Breakdown voltage
VBR
V
IT = 1mA
Reverse leakage current
IR
nA
VRWM = 24V
Clamping voltage
VC
V
IPP = 7A, TP = 8/20µs
V
Working peak reverse voltage
VRWM
Junction capacitance
CJ
pF
VR = 0V, f = 1MHz
24
25.5
34
27
TLP = 16A, TP = 100ns
VC
39
32.5
200
Clamping voltage
VC
IPP = 5A, TP = 8/20µs
V
42
31


Similar Part No. - CPDQ24VM-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CPDQ20VMUA-HF COMCHIP-CPDQ20VMUA-HF Datasheet
519Kb / 4P
SMD ESD Protection Diode
REV:A
More results

Similar Description - CPDQ24VM-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CPDERT5V0U-HF COMCHIP-CPDERT5V0U-HF Datasheet
97Kb / 4P
SMD ESD Protection Diode
CPDF24V0U-HF COMCHIP-CPDF24V0U-HF Datasheet
98Kb / 4P
SMD ESD Protection Diode
CPDFR COMCHIP-CPDFR Datasheet
92Kb / 4P
SMD ESD Protection Diode
CPDT-5V0U-HF COMCHIP-CPDT-5V0U-HF Datasheet
97Kb / 4P
SMD ESD Protection Diode
CPDTR035V0U-HF COMCHIP-CPDTR035V0U-HF Datasheet
97Kb / 4P
SMD ESD Protection Diode
CPDTR055V0C-HF COMCHIP-CPDTR055V0C-HF Datasheet
98Kb / 4P
SMD ESD Protection Diode
CPDV5-5V0U COMCHIP-CPDV5-5V0U_12 Datasheet
96Kb / 4P
SMD ESD Protection Diode
CPDQT3V3U-HF COMCHIP-CPDQT3V3U-HF Datasheet
559Kb / 3P
SMD ESD Protection Diode
CPDUR5V0C-HF COMCHIP-CPDUR5V0C-HF Datasheet
238Kb / 4P
SMD ESD Protection Diode
CPDVR083V3U COMCHIP-CPDVR083V3U Datasheet
109Kb / 5P
SMD ESD Protection Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com